Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3444MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3444MA/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3444MA/NOPB Datasheet HTML 9Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 10Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 11Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 12Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 13Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 14Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 15Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 16Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
t
tOFF
tON
IL2 (t)
IAVE
IL2-PK
'iL
IL2-MIN
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 13. Inductor Current Waveform in CCM
During the off-period denoted by tOFF, the current through L2 continues to flow through the LEDs through D10.
7.3.6 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch does not turn on until the junction temperature
drops to approximately 145°C.
7.4 Device Functional Modes
This device does not have any additional functional modes.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com