Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3444MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3444MA/NOPB
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3444MA/NOPB Datasheet HTML 1Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 2Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 3Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 4Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 5Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 6Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 7Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 8Page - Texas Instruments LM3444MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
ICOLL
V+
VAC
+
+
1
2
3
4
5
6
7
8
9
10
-
VLED
GND
VCC
FILTER
NC
NC
ISNS
GATE
NC
COFF
NC
LM3444
VLED-
D3
C7
C9
C10
D4
D8
D9
R2
D1
Q1
C5
C12
D2
D10
Q2
L2
Q3
R3
R4
C11
C4
U1
VBUCK
BR1
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3444
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
LM3444 AC-DC Offline LED Driver
1 Features
3 Description
The LM3444 is an adaptive constant off-time AC/DC
1
•
Application Voltage Range: 80 VAC to 277 VAC
buck (step-down) constant current controller that
•
Capable of Controlling LED Currents
provides a constant current for illuminating high
Greater than 1 A
power
LEDs.
The
high-frequency
capable
architecture allows the use of small external passive
•
Adjustable Switching Frequency
components. A passive PFC circuit ensures good
•
Low Quiescent Current
power factor by drawing current directly from the line
•
Adaptive Programmable Off-Time Allows for
for most of the cycle, and provides a constant positive
Constant Ripple Current
voltage to the buck regulator. Additional features
include thermal shutdown, current limit and VCC
•
Thermal Shutdown
undervoltage lockout. The LM3444 is available in a
•
No Flicker at 120 Hz
low profile 10-pin VSSOP package or an 8-lead SOIC
•
Low-Profile 10-Pin VSSOP Package
package.
or 8-Lead SOIC Package
Device Information(1)
•
Patented Drive Architecture
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
VSSOP (10)
3.00 mm × 3.00 mm
LM3444
SOIC (8)
3.91 mm × 4.90 mm
•
Solid State Lighting
•
Industrial and Commercial Lighting
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Residential Lighting
SPACE
Typical LM3444 LED Driver Application Circuit
Efficiency vs Line Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3444MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3444MA/NOPB TI1-LM3444MA/NOPB Datasheet
362Kb / 27P
AC-DC Offline LED Driver
More results

Similar Description - LM3444MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
Offline LED Driver
logo
Texas Instruments
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
AC-DC Offline LED Driver
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
AC-DC Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
AC-DC LED driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com