Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3444MA/NOPB.B Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3444MA/NOPB.B
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB.B Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3444MA/NOPB.B Datasheet HTML 14Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 15Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 16Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 17Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 18Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 19Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 20Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 21Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
VBUCK
8.33 ms
30°
tX
t
150°
180°
0°
VVF-CAP =
2
VAC(MAX)
#stages
IL-PK(UNDIM) =
750 mV
R3
IAVE(UNDIM) = IL2-PK(UNDIM) -
'iL
2
IL2-PK = IAVE +
'iL
2
LM3444
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
Application Information (continued)
Knowing the desired average LED current, IAVE, and the nominal inductor current ripple, ΔiL, the peak current for
an application running in continuous conduction mode (CCM) is defined in Equation 23.
(23)
The LED current would then be calculated using Equation 24.
(24)
This is important to calculate because this peak current multiplied by the sense resistor R3 determines when the
internal comparator is tripped. The internal comparator turns the control MOSFET off once the peak sensed
voltage reaches 750 mV.
(25)
Current Limit: The trip voltage on the PWM comparator is 750 mV. However, if there is a short circuit or an
excessive load on the output, higher than normal switch currents cause a voltage greater than 1.27 V on the
ISNS pin which trip the I-LIM comparator. The I-LIM comparator resets the RS latch, turning off Q2. It also
inhibits the Start Pulse Generator and the COFF comparator by holding the COFF pin low. A delay circuit
prevents the start of another cycle for 180 µs.
8.1.6 Valley Fill Capacitors
Determining voltage rating and capacitance value of the valley-fill capacitors:
The maximum voltage seen by the valley-fill capacitors is calculated by Equation 26.
(26)
This is, of course, if the capacitors chosen have identical capacitance values and split the line voltage equally.
Often a 20% difference in capacitance could be observed between like capacitors. Therefore a voltage rating
margin of 25% to 50% should be considered.
8.1.7 Determining the Capacitance Value of the Valley-Fill Capacitors
The valley-fill capacitors must be sized to supply energy to the buck converter (VBUCK) when the input line is less
than its peak divided by the number of stages used in the valley fill (tX). The capacitance value must be
calculated for the maximum LED current.
Figure 17. Two Stage Valley-Fill VBUCK Voltage
18
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com