Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3444MA/NOPB.B Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3444MA/NOPB.B
Description  LM3444 AC-DC Offline LED Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3444MA/NOPB.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3444MA/NOPB.B Datasheet HTML 19Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 20Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 21Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 22Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 23Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 24Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 25Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 26Page - Texas Instruments LM3444MA/NOPB.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
dv
i = C
dt
25.2V
115
(350 kHz x 0.1A)
L2 =
2
= 580 PH
25.2V 1
0.8
1
u
LM3444
www.ti.com
SNVS682D – NOVEMBER 2010 – REVISED DECEMBER 2015
Typical Application (continued)
(41)
12. Choose C10: 1 µF, 200 V
13. Calculate valley-fill capacitor values:
VAC low line = 90 VAC, VBUCK minimum equals 60 V. Set droop for 20-V maximum at full load and low line as
shown in Equation 42.
where
•
i equals POUT/VBUCK (270 mA)
•
dV equals 20 V
•
dt equals 2.77 ms
•
CTOTAL equals 37 µF
(42)
Therefore, C7 = C9 = 22 µF
8.2.3 Application Curve
Figure 20. Efficiency vs Input Voltage
Table 1. Bill of Materials
MANUFACTURER PART
QTY
DESIGNATOR
DESCRIPTION
MANUFACTURER
NUMBER
1
U1
IC, CTRLR, DRVR-LED, VSSOP
TI
LM3444MM
1
BR1
Bridge Rectifiier, SMT, 400 V, 800 mA
DiodesInc
HD04-T
1
L1
Common mode filter DIP4NS, 900 mA, 700 µH
Panasonic
ELF-11090E
1
L2
Inductor, SHLD, SMT, 1 A, 470 µH
Coilcraft
MSS1260-474-KLB
2
L3, L4
Diff mode inductor, 500 mA 1 mH
Coilcraft
MSS1260-105KL-KLB
1
L5
Bead Inductor, 160
Ω, 6 A
Steward
HI1206T161R-10
3
C1, C2, C15
Cap, Film, X2Y2, 12.5 MM, 250 VAC, 20%, 10 nF
Panasonic
ECQ-U2A103ML
1
C4
Cap, X7R, 0603, 16 V, 10%, 100 nF
Murata
GRM188R71C104KA01D
2
C5, C6
Cap, X5R, 1210, 25 V, 10%, 22 µF
Murata
GRM32ER61E226KE15L
2
C7, C9
Cap, AL, 200 V, 105C, 20%, 33 µF
UCC
EKXG201ELL330MK20S
1
C10
Cap, Film, 250 V, 5%, 10 nF
Epcos
B32521C3103J
1
C12
Cap, X7R, 1206, 50 V, 10%, 1 µF
Kemet
C1206F105K5RACTU
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com