Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # FR207
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FR207 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  FR207 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FR207 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR201 THRU FR207
Features
Mechanical Data
· Fast switching
· Low leakage
· Low forward voltage drop
· High current capability
· High current surge
· High reliability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-15 molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.014 ounce, 0.39 gram
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 2.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=75
℃
Maximum instantaneous forward voltage
at 2.0A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
2.0
Amps
Amps
IFSM
TJ
TSTG
-65 to +150
℃
Volts
Maximum DC reverse current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
50
FR
201
35
50
5.0
250
Volts
μA
ns
pF
I(AV)
IR
Trr
40
CJ
100
FR
202
70
100
200
FR
203
140
200
400
FR
204
280
400
600
FR
205
420
600
800
FR
206
560
800
1000
FR
207
700
1000
Maximum full load reverse current full cycle
average. 0.375"(9.5mm) lead length at
TL=55
℃
500
150
70.0
100
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.300(7.6)
0.230(5.8)
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
DIA.


Similar Part No. - FR207

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR207 WTE-FR207 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR207 RECTRON-FR207 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
FR207 JGD-FR207 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR207 BYTES-FR207 Datasheet
152Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR207 DCCOM-FR207 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR207

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP201 DAESAN-KBP201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201G DAESAN-FR201G Datasheet
274Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RS201 DAESAN-RS201 Datasheet
255Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com