Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # FR207
Description  CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FR207 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  FR207 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FR207 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
125
0
25
150
100
75
50
175
AMBIENT TEMPERATURE (
℃)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0
0.5
1.0
1.5
2.5
2.0
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.2
0.4
0.6
1.4
1.0
0.8
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
20
0.1
0.01
1
0.03
0.3
3
TJ=25
℃
Pulse Width=300mS
1% Duty Cycle
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
10
0.1 0.2
4
20
0.4
2
1
40
100
TJ=25
℃
1
2
6
4
100
40
20
10
200
60
FIG.2-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
100
60
10
8
6
4
40
20
8.3m SINGLE HALF SINE WAVE
(JEDEC Method)
15
45
75
0
30
60
105
90
Trr
1cm
SET TIME BASE FOR 50/100 ns/cm
-1.0A
+0.5A
0
-0.25A
FIG.5-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
OSCILLOSCOPE
(NOTE1)
1W
NON IN-
DUCTIVE
50W
NON INDUCTIVE
10W
NON INDUCTIVE
D.U.T.
25Vdc
(APPROX)
( + )
NOTES: 1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
=50 ohms
PULSE
GENERATOR
(NOTE2)
( )
RATINGS AND CHARACTERISTIC CURVES FR201 THRU FR207



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com