Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3565
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3565 Datasheet(HTML) 4 Page - Texas Instruments

  LM3565 Datasheet HTML 1Page - Texas Instruments LM3565 Datasheet HTML 2Page - Texas Instruments LM3565 Datasheet HTML 3Page - Texas Instruments LM3565 Datasheet HTML 4Page - Texas Instruments LM3565 Datasheet HTML 5Page - Texas Instruments LM3565 Datasheet HTML 6Page - Texas Instruments LM3565 Datasheet HTML 7Page - Texas Instruments LM3565 Datasheet HTML 8Page - Texas Instruments LM3565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LM3565
SNVS957 – JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA ≤ 85°C). Unless otherwise specified: 2.7V ≤ VIN ≤ 4.4V.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT AND VOLTAGE SPECIFICATIONS
VOUT =7.5V
60 mA
≤ ILED ≤
ILED-OUT
LED Current accuracy
(–5%)
(+5%)
930 mA
VLED = 7.2V
VCSH
Current source headroom voltage
300
350
mV
VOVP
Over-voltage protection range
Trip Point (Rising)
9.0
9.5
10.0
V
ISD
Shutdown current
1
µA
ISB
Standby current
1
µA
IQ
Operating quiescent current
Part switching
10
mA
UVLO
Under-voltage lock out
Falling VIN
2.3
2.4
2.5
V
UVLOHYST UVLO Hysteresis
Rising VIN
50
100
150
mV
CL Reg value = 00
2.07
2.3
2.53
CL Reg value = 01
2.34
2.6
2.86
ILIM
Peak current limit
A
CL Reg value = 10
2.61
2.9
3.19
CL Reg value = 11
2.97
3.3
3.63
RDSON_N
NFET pin-to-pin Resistance
88
m
Ω
RDSON_P
PFET pin-to-pin Resistance
110
m
Ω
OSCILLATOR AND TIMING SPECIFICATIONS (NON-I2C-COMPATIBLE INTERFACE TIMING)
3.8
4.2
fSW
Switching frequency
4.0
MHz
(–5%)
(+5%)
tR-STEP
LED current ramp up and down
20
µsec
From end of Command to ILED =
tRU
Current ramp up time
1.4
msec
Fullscale
tTORCH-DG
Torch deglitching time
6.3
9
11.7
msec
ANALOG-TO-DIGITAL (A/D) CONVERTER SPECIFICATIONS
ADCRES
A/D Resolution
Average step size
31.4
50
mV
VOFF
Offset error
1
Bits
GE
Gain error
VLED = 8 V
(–2%)
(+2%)
CONTROL INTERFACE VOLTAGE SPECIFICATIONS
Low-level threshold voltage (SCL SDA,
VIL
0.54
V
ENABLE, TX-MASK, TORCH)
High-level threshold voltage (SCL SDA,
VIH
ENABLE, TX-MASK, TORCH, STROBE
1.26
V
1.8V)
VOL
Low-level output threshold limit (SDA)
ILOAD = 3 mA
0.4
V
VIL
Low-level threshold voltage (STROBE 1.2V)
0.36
V
High-level threshold voltage (STROBE
VIH
0.84
V
1.2V)
(1)
Min and Max limits are specified by design, test, or statistical analysis. Typical (Typ) numbers are not verified, but do represent the most
likely norm. Unless otherwise specified, conditions for Typical specifications are: VIN = 3.6V and TA = 25°C.
(2)
Switching disabled.
4
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com