Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565 Datasheet (PDF) - Texas Instruments

LM3565 Datasheet PDF - Texas Instruments
Part # LM3565
Download  LM3565 Download
File Size   890.24 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4MHz, High-Current Flash LED Driver

LM3565 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3565 Datasheet PDF - Texas Instruments

Part # LM3565
Download  LM3565 Click to download

File Size   890.24 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4MHz, High-Current Flash LED Driver

LM3565 Datasheet (HTML) - Texas Instruments


LM3565 Product details

1FEATURES
• High Efficiency Synchronous Boost Converter
• Drives 2 LEDs in Series with up to 930 mA
• External Strobe Pin for Hardware Enabled
Flash
• External Torch Pin for Hardware Enabled
Torch
• Dedicated Transmit Interrupt Pin
• 8-Bit ADC for LED Voltage and Input Voltage
Monitoring
• Automatic Diode Current Scale Back
• PWM Control in Flash and Assist Modes
• Fault Detection and Reporting
• 400 kHz I2C-Compatible Interface
• 16-Bump, 1.990 mm x 1.990 mm x 0.6 mm
DSBGA Package (YZR0016AAA)

APPLICATIONS
• Camera Phone LED Flash

DESCRIPTION
The LM3565 is a 4 MHz fixed-frequency, current
mode synchronous boost converter designed to drive
two series flash LEDs at 930 mA. A high-voltage
current source allows the LEDs to be terminated to
the GND plane eliminating the need for an additional
return trace back to the IC.
A dedicated Strobe pin provides a direct interface to
trigger the flash event, while an external Torch pin
provides an additional method for enabling the LEDs
in a constant current mode. The LM3565 can adaptively scale the maximum flash level delivered to
the LEDs based upon the measured input voltage.
Multiple protection features are available on the
LM3565 ranging from over-voltage protection to
output short-circuit detection.
The LM3565 has four selectable inductor current
limits to help the user select an inductor that is
appropriate for the design.




Similar Part No. - LM3565

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3565 TI-LM3565 Datasheet
1Mb / 35P
4MHz, High-Current Flash LED Driver
LM3565TLE/NOPB TI-LM3565TLE/NOPB Datasheet
1Mb / 35P
4MHz, High-Current Flash LED Driver
LM3565TLX/NOPB TI-LM3565TLX/NOPB Datasheet
1Mb / 35P
4MHz, High-Current Flash LED Driver
More results


Similar Description - LM3565

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3172 ANALOGICTECH-AAT3172 Datasheet
344Kb / 14P
High Current LED Flash Driver Charge Pump IC
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Texas Instruments
LM3565 TI-LM3565 Datasheet
1Mb / 35P
4MHz, High-Current Flash LED Driver
logo
ams AG
AS3643 AMSCO-AS3643 Datasheet
4Mb / 34P
1300mA High Current LED Flash Driver
AS3647 AMSCO-AS3647 Datasheet
5Mb / 38P
1600mA High Current LED Flash Driver
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
2000mA High Current LED Flash Driver
logo
SiGe Semiconductor, Inc...
AATIAN62 SIGE-AATIAN62 Datasheet
183Kb / 4P
High Current LED Flash Driver Charge Pump IC
logo
ams AG
AS3649 AMSCO-AS3649 Datasheet
3Mb / 39P
2500mA High Current LED Flash Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com