Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4876M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4876M/NOPB
Description  LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4876M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4876M/NOPB Datasheet HTML 1Page - Texas Instruments LM4876M/NOPB Datasheet HTML 2Page - Texas Instruments LM4876M/NOPB Datasheet HTML 3Page - Texas Instruments LM4876M/NOPB Datasheet HTML 4Page - Texas Instruments LM4876M/NOPB Datasheet HTML 5Page - Texas Instruments LM4876M/NOPB Datasheet HTML 6Page - Texas Instruments LM4876M/NOPB Datasheet HTML 7Page - Texas Instruments LM4876M/NOPB Datasheet HTML 8Page - Texas Instruments LM4876M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM4876
www.ti.com
SNAS054E – FEBRUARY 2000 – REVISED MAY 2013
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 5V unless otherwise specified. Limits apply for TA = 25°C.
LM4876
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limit (4)
2.0
V (min)
VDD
Supply Voltage
5.5
V (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A
6.5
10.0
mA (max)
ISD
Shutdown Current
VPIN1 = 0V
0.01
2
µA (max)
VOS
Output Offset Voltage
VIN = 0V
5
50
mV (max)
THD = 0.5% (max); f = 1 kHz; RL = 8Ω
1.10
W (min)
Po
Output Power
1.0
THD+N = 10%; f = 1 kHz; RL = 8Ω
1.5
W
THD+N
Po = 1 Wrms; AVD = 2; 20 Hz ≤ f ≤ 20
0.25
%
Total Harmonic Distortion+Noise
kHz; RL = 8Ω
PSRR
Power Supply Rejection Ratio
VDD = 4.9V to 5.1V
65
dB
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions that ensure specific performance limits. This assumes that the device operates within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. The typical value, however, is a good
indication of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
Electrical Characteristics VDD = 5/3.3/2.6V
LM4876
Units
Symbol
Parameter
Conditions
(Limits)
Typical(1)
Limit(2)
VIH
Shutdown Input Voltage High
1.2
V(min)
VIL
Shutdown Input Voltage Low
0.4
V(max)
(1)
Typicals are measured at 25°C and represent the parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
External Components Description
(Figure 1)
Components
Functional Description
1.
Ri
Inverting input resistance which sets the closed-loop gain in conjunction with Rf. This resistor also forms a high pass
filter with Ci at fC= 1/(2π RiCi).
2.
Ci
Input coupling capacitor which blocks the DC voltage at the amplifiers input terminals. Also creates a highpass filter with
Ri at fC = 1/(2π RiCi). Refer to the section, SELECTING PROPER EXTERNAL COMPONENTS, for an explanation of
how to determine the value of Ci.
3.
Rf
Feedback resistance which sets the closed-loop gain in conjunction with Ri.
4.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section for
information concerning proper placement and selection of the supply bypass capacitor.
5.
CB
Bypass pin capacitor which provides half-supply filtering. Refer to the section, SELECTING PROPER EXTERNAL
COMPONENTS, for information concerning proper placement and selection of CB.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com