Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4876M/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4876M/NOPB
Description  LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4876M/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4876M/NOPB Datasheet HTML 3Page - Texas Instruments LM4876M/NOPB Datasheet HTML 4Page - Texas Instruments LM4876M/NOPB Datasheet HTML 5Page - Texas Instruments LM4876M/NOPB Datasheet HTML 6Page - Texas Instruments LM4876M/NOPB Datasheet HTML 7Page - Texas Instruments LM4876M/NOPB Datasheet HTML 8Page - Texas Instruments LM4876M/NOPB Datasheet HTML 9Page - Texas Instruments LM4876M/NOPB Datasheet HTML 10Page - Texas Instruments LM4876M/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM4876
www.ti.com
SNAS054E – FEBRUARY 2000 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Supply Current vs Shutdown Voltage
Supply Current vs Supply Voltage
LM4876 @ VDD = 5/3.3/2.6Vdc
Figure 22.
Figure 23.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com