Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4880M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4880M/NOPB
Description  LM4880 Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4880M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4880M/NOPB Datasheet HTML 1Page - Texas Instruments LM4880M/NOPB Datasheet HTML 2Page - Texas Instruments LM4880M/NOPB Datasheet HTML 3Page - Texas Instruments LM4880M/NOPB Datasheet HTML 4Page - Texas Instruments LM4880M/NOPB Datasheet HTML 5Page - Texas Instruments LM4880M/NOPB Datasheet HTML 6Page - Texas Instruments LM4880M/NOPB Datasheet HTML 7Page - Texas Instruments LM4880M/NOPB Datasheet HTML 8Page - Texas Instruments LM4880M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM4880
www.ti.com
SNAS103C – NOVEMBER 1995 – REVISED MAY 2013
LM4880
Dual 250 mW Audio Power Amplifier with
Shutdown Mode
Check for Samples: LM4880
1
FEATURES
DESCRIPTION
The LM4880 is a dual audio power amplifier capable
2
•
No Bootstrap Capacitors or Snubber Circuits
of
delivering
typically
250mW
per
channel
of
are Necessary
continuous average power to an 8
Ω load with 0.1%
•
Small Outline (SOIC) and PDIP Packaging
THD+N using a 5V power supply.
•
Unity-Gain Stable
Boomer
audio
power
amplifiers
were
designed
•
External Gain Configuration Capability
specifically to provide high quality output power with a
minimal
amount
of
external
components
using
APPLICATIONS
surface mount packaging.
•
Headphone Amplifier
Since
the
LM4880
does
not
require
bootstrap
capacitors or snubber networks, it is optimally suited
•
Personal Computers
for low-power portable systems.
•
CD-ROM Players
The LM4880 features an externally controlled, low-
power consumption shutdown mode, as well as an
KEY SPECIFICATIONS
internal thermal shutdown protection mechanism.
•
THD+N at 1kHz at 200mW Continuous Average
The unity-gain stable LM4880 can be configured by
Output Power into 8
Ω: 0.1% (max)
external gain-setting resistors.
•
THD+N at 1kHz at 85mW Continuous Average
Output Power into 32
Ω: 0.1% (typ)
•
Output Power at 10% THD+N at 1kHz into 8
Ω
325 mW (typ)
•
Shutdown Current 0.7 µA (typ)
•
2.7V to 5.5V Supply Voltage Range
Connection Diagram
Figure 1. Small Outline and PDIP Packages- Top View
See Package Number D0008A for SOIC
or Package Number P0008E for PDIP
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4880M/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4880M/NOPB TI-LM4880M/NOPB Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4880M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
675 mW Audio Power Amplifier with Shutdown Mode
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
300 mW Audio Power Amplifier with Shutdown Mode
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4862M TI-LM4862M Datasheet
939Kb / 18P
LM4862 675 mW Audio Power Amplifier with Shutdown
logo
Unisonic Technologies
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
675 mW Audio Power Amplifier with Shutdown Mode
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com