Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947TLEVAL Datasheet(PDF) 18 Page - Texas Instruments

Part # LM4947TLEVAL
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947TLEVAL Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM4947TLEVAL Datasheet HTML 14Page - Texas Instruments LM4947TLEVAL Datasheet HTML 15Page - Texas Instruments LM4947TLEVAL Datasheet HTML 16Page - Texas Instruments LM4947TLEVAL Datasheet HTML 17Page - Texas Instruments LM4947TLEVAL Datasheet HTML 18Page - Texas Instruments LM4947TLEVAL Datasheet HTML 19Page - Texas Instruments LM4947TLEVAL Datasheet HTML 20Page - Texas Instruments LM4947TLEVAL Datasheet HTML 21Page - Texas Instruments LM4947TLEVAL Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k 2k
5k 10k
FREQUENCY (Hz)
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k 2k
5k 10k
FREQUENCY (Hz)
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k 2k
5k 10k
FREQUENCY (Hz)
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k 2k
5k 10k
FREQUENCY (Hz)
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k 2k
5k 10k
FREQUENCY (Hz)
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50 100 200
500 1k 2k
5k 10k
FREQUENCY (Hz)
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
PSRR vs Frequency
PSRR vs Frequency
VDD = 5V, AV = 0dB
VDD = 5V, AV = 0dB
Mode 2, SE
Mode 3, MONO
Figure 54.
Figure 55.
PSRR vs Frequency
PSRR vs Frequency
VDD = 5V, AV = 0dB
VDD = 5V, AV = 0dB
Mode 4, OCL
Mode 4, SE
Figure 56.
Figure 57.
PSRR vs Frequency
PSRR vs Frequency
VDD = 5V, AV = 0dB
VDD = 5V, AV = 0dB
Mode 5, MONO
Mode 6, OCL
Figure 58.
Figure 59.
18
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com