Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947TLEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4947TLEVAL
Description  LM4947 Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and TI 3D
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4947TLEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM4947TLEVAL Datasheet HTML 1Page - Texas Instruments LM4947TLEVAL Datasheet HTML 2Page - Texas Instruments LM4947TLEVAL Datasheet HTML 3Page - Texas Instruments LM4947TLEVAL Datasheet HTML 4Page - Texas Instruments LM4947TLEVAL Datasheet HTML 5Page - Texas Instruments LM4947TLEVAL Datasheet HTML 6Page - Texas Instruments LM4947TLEVAL Datasheet HTML 7Page - Texas Instruments LM4947TLEVAL Datasheet HTML 8Page - Texas Instruments LM4947TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM4947, LM4947TLEVAL
www.ti.com
SNAS349D – JUNE 2006 – REVISED MAY 2013
LM4947
Mono Class D and Stereo Audio Sub-System
with OCL Headphone Amplifier and TI 3D
Check for Samples: LM4947, LM4947TLEVAL
1
FEATURES
DESCRIPTION
The LM4947 is an audio subsystem capable of
2
•
I2C Control Interface
efficiently delivering 500mW (Class D operation) of
•
I2C Programmable Texas Instruments 3D
continuous average power into a mono 8
Ω bridged-
Audio
tied load (BTL) with 1% THD+N, 37mW (Class AB
•
I2C Controlled 32 Step Digital Volume Control
operation) power channel of continuous average
power into stereo 32
Ω single-ended (SE) loads with
(-59.5dB to +18dB)
1% THD+N, or an output capacitor-less (OCL)
•
Three Independent Volume Channels (Left,
configuration with identical specification as the SE
Right, Mono)
configuration, from a 3.3V power supply.
•
Eight Distinct Output Modes
The LM4947 has six input channels: one pair for a
•
Small, 25–Bump DSBGA Packaging
two-channel stereo signal, the second pair for a
•
“Click and Pop” Suppression Circuitry
secondary two-channel stereo input, and the third pair
for
a
differential
single-channel
mono
input.
•
Thermal Shutdown Protection
Additionally, the two sets of stereo inputs may be
•
Low Shutdown Current (0.1
μA, typ)
configured as a single stereo differential input
•
RF Suppression
(differential left and differential right). The LM4947
features a 32-step digital volume control and eight
•
Differential Mono and Stereo Inputs
distinct output modes. The digital volume control, 3D
•
Stereo Input Mux
enhancement, and output modes are programmed
through a two-wire I2C compatible interface that
KEY SPECIFICATIONS
allows flexibility in routing and mixing audio channels.
•
THD+N at 1kHz, 500mW
into 8
Ω BTL (3.3V):
The RF suppression circuitry in the LM4947 makes it
1.0% (typ)
well-suited
for
GSM
mobile
phones
and
other
•
THD+N at 1kHz, 37mW
into 32
Ω SE (3.3V):
portable applications in which strong RF signals
1.0% (typ)
generated by an antenna (and long output traces)
may couple audibly into the amplifier.
•
Single Supply Operation (VDD): 2.7 to 5.5 V
The LM4947 is designed for cellular phones, PDAs,
•
I2C Single Supply Operation: 2.2 to 5.5 V
and other portable handheld applications. It delivers
high quality output power from a surface-mount
APPLICATIONS
package and requires only eight external components
•
Mobile Phones
in the OCL mode (two additional components in SE
mode).
•
PDAs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4947TLEVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4947TLEVAL TI1-LM4947TLEVAL Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
More results

Similar Description - LM4947TLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com