Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5008AMM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5008AMM/NOPB
Description  LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5008AMM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5008AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 11Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 12Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 13Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 14Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 15Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 16Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 17Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
LM5008A
SNVS583H – MARCH 2009 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: LM5008A
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Typical Application (continued)
Table 1. Bill of Materials
ITEM
DESCRIPTION
PART NUMBER
VALUE
C1
Ceramic Capacitor
TDK C4532X7R2A105M
1 µF, 100 V
C2
Ceramic Capacitor
TDK C4532X7R1E226M
22 µF, 25 V
C3
Ceramic Capacitor
Kemet C1206C474K5RAC
0.47 µF, 50 V
C4
Ceramic Capacitor
Kemet C1206C103K5RAC
0.01 µF, 50 V
C5
Ceramic Capacitor
TDK C3216X7R2A104M
0.1 µF, 100 V
D1
Schottky Power Diode
Diodes Inc. DFLS1100
100 V, 1 A
L1
Power Inductor
COILTRONICS DR125-221-R or
TDK SLF10145T-221MR65
220 µH
RFB2
Resistor
Vishay CRCW12063011F
3.01 kΩ
RFB1
Resistor
Vishay CRCW12061001F
1.0 kΩ
R3
Resistor
Vishay CRCW12063R00F
3.0 Ω
RT
Resistor
Vishay CRCW12063243F
324 kΩ
RCL
Resistor
Vishay CRCW12063323F
332 kΩ
U1
Switching Regulator
LM5008A
8.2.2 Detailed Design Procedure
8.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM5008A device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 Selection Of External Components
RFB1, RFB2: VOUT = VFB × (RFB1 + RFB2) / RFB1, and because VFB = 2.5 V, the ratio of RFB2 to RFB1 calculates as
3:1. Standard values of 3.01 kΩ and 1 kΩ are chosen. Other values could be used as long as the 3:1 ratio is
maintained.
Fs and RT: The recommended operating frequency range for the LM5008A is 50 kHz to 1.1 MHz. Unless the
application requires a specific frequency, the choice of frequency is generally a compromise because it affects
the size of L1 and C2 and the switching losses. The maximum allowed frequency, based on a minimum on-time
of 400 ns, is calculated with Equation 7.
FMAX = VOUT / (VINMAX × 400 ns)
(7)
For this exercise, FMAX = 263 kHz. From Equation 2, RT calculates to 274 kΩ. A standard value 324-kΩ resistor is
used to allow for tolerances in Equation 2, resulting in a frequency of 223 kHz.
L1: The main parameter affected by the inductor is the output current ripple amplitude. The choice of inductor
value therefore depends on both the minimum and maximum load currents, keeping in mind that the maximum
ripple current occurs at maximum VIN.
a. Minimum load current: To maintain continuous conduction at minimum Io (100 mA), the ripple amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com