Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5008AMM/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5008AMM/NOPB
Description  LM5008A 95-V, 350-mA, Constant On-Time DC/DC Buck Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5008AMM/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5008AMM/NOPB Datasheet HTML 24Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 25Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 26Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 27Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 28Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 29Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 30Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 31Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.35
0.25
3 0.05
2X
2.4
1.98 0.05
6X 0.8
0.8
0.7
8X
0.5
0.3
0.05
0.00
(0.1) TYP
A
4.1
3.9
B
4.1
3.9
WSON - 0.8 mm max height
NGU0008B
PLASTIC SMALL OUTLINE - NO LEAD
4214936/A 12/2023
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
SYMM
SYMM
9
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com