Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5010ASD/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASD/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5010ASD/NOPB Datasheet HTML 1Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 2Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 3Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 4Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 5Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 6Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 7Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 8Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ExposedPad
1
NC
14
NC
2
SW
13
VIN
3
BST
12
VCC
4
I
SEN
 
11
R
ON
 
/SD
5
S
GND
 
10
SS
6
RTN
9
FB
7
NC
8
NC
ExposedPad
1
SW
10
VIN
2
BST
9
VCC
3
I
SEN
 
8
R
ON
 
/SD
4
S
GND
 
7
SS
5
RTN
6
FB
3
LM5010A, LM5010A-Q1
www.ti.com
SNVS376F – OCTOBER 2005 – REVISED MAY 2016
Product Folder Links: LM5010A LM5010A-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DPR Package
10-Pin WSON
Top View
PWP Package
14-Pin HTSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
WSON
HTSSOP
BST
2
3
I
Boost pin for bootstrap capacitor: Connect a capacitor from SW to the BST pin. The
capacitor is charged from VCC through an internal diode during the buck switch OFF-
time.
EP
—
—
—
Exposed pad
FB
6
9
I
Voltage feedback input from the regulated output: Input to both the regulation and
overvoltage comparators. The FB pin regulation level is 2.5 V.
ISEN
3
4
I
Current sense: During the buck switch OFF-time, the inductor current flows through the
internal sense resistor, and out of the ISEN pin to the free-wheeling diode. The current
limit comparator keeps the buck switch off if the ISEN current exceeds 1.25 A (typical).
NC
—
1, 7, 8, 14
—
No connection. Can be connected to ground plane to improve heat dissipation.
RON/SD
8
11
I
ON-time control and shutdown: An external resistor from VIN to this pin sets the buck
switch ON-time. Grounding this pin shuts down the regulator.
RTN
5
6
—
Circuit ground: Ground return for all internal circuitry other than the current sense
resistor.
SGND
4
5
—
Sense ground: Recirculating current flows into this pin to the current sense resistor.
SS
7
10
I
Soft start: An internal 11.5-µA current source charges the SS pin capacitor to 2.5 V to
softstart the reference input of the regulation comparator.
SW
1
2
O
Switching node: Internally connected to the buck switch source. Connect to the inductor,
free-wheeling diode, and bootstrap capacitor.
VCC
9
12
I
Output of the bias regulator: The voltage at VCC is nominally equal to VIN for VIN < 8.9
V, and regulated at 7 V for VIN > 8.9 V. Connect a 0.47-µF, or larger capacitor from VCC
to ground, as close as possible to the pins. An external voltage can be applied to this pin
to reduce internal dissipation if VIN is greater than 8.9 V. MOSFET body diodes clamp
VCC to VIN if VCC > VIN.
VIN
10
13
I
Input supply: Nominal input range is 6 V to 75 V. Input bypass capacitors should be
located as close as possible to the VIN pin and RTN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com