Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LM5010ASD/NOPB
Description  LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5010ASD/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5010ASD/NOPB Datasheet HTML 28Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 29Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 30Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 31Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 32Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 33Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 34Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 35Page - Texas Instruments LM5010ASD/NOPB Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
14X (1.5)
14X (0.45)
(3.155)
(3.255)
BASED ON
0.125 THICK
STENCIL
12X (0.65)
(R0.05) TYP
(5.8)
4214867/A 09/2016
PowerPAD
TSSOP - 1.2 mm max height
PWP0014A
PLASTIC SMALL OUTLINE
2.67 X 2.75
0.175
2.88 X 2.97
0.15
3.155 X 3.255 (SHOWN)
0.125
3.53 X 3.64
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
10. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11. Board assembly site may have different recommendations for stencil design.
TM
SYMM
SYMM
1
7
8
14
BASED ON
0.125 THICK
STENCIL
BY SOLDER MASK
METAL COVERED
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:10X
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com