Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8333GGR8AXS/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM8333GGR8AXS/NOPB
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333GGR8AXS/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM8333GGR8AXS/NOPB Datasheet HTML 9Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 10Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 11Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 12Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 13Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 14Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 15Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 16Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM8333
www.ti.com
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
Figure 12. LM8333 Responds with NACK, Host Retries Command
Interrupts
INTERRUPT CODE
The interrupt code is read and acknowledged with the READ_INT command (0xD0). This command clears the
code and deasserts the IRQ output. Table 6 shows the format of the interrupt code.
Note that when only one of the interrupt-capable pins GEN_IO_0 or GEN_IO_1 is configured as an interrupt
input, bits 1 and 2 are both set when an interrupt occurs. When both GEN_IO_0 and GEN_IO_1 pins are
configured as interrupt inputs, only one bit corresponding to the interrupt source is set when an interrupt occurs.
Table 6. Interrupt Code
7
6
5
4
3
2
1
0
0
0
0
0
ERROR
EX_1
EX_0
KEYPAD
Bit
Description
ERROR
An error condition occurred.
EX_1
A rising or falling edge was detected on GEN_IO_1.
EX_0
A rising or falling edge was detected on GEN_IO_0.
KEYPAD
A key-press or key-release event occurred.
ERROR CODE
If the LM8333 reports an error, the READ_ERROR command (0xF0) is used to read and clear the error code.
Table 7 shows the format of the error code.
Table 7. Error Code
7
6
5
4
3
2
1
0
0
FIFOOVR
0
NOINT
0
KEYOVR
CMDUNK
CMDOVR
Bit
Description
FIFOOVR
Key event occurred while the FIFO was full.
NOINT
Interrupt deasserted before it could be serviced.
KEYOVR
More than two keys were pressed simultaneously.
CMDUNK
Not a valid command.
CMDOVR
Command received before it could be accepted, e.g. after wake-up.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com