Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8333GGR8AXS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM8333GGR8AXS/NOPB
Description  LM8333 Mobile I/O Companion Supporting Key-Scan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8333GGR8AXS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM8333GGR8AXS/NOPB Datasheet HTML 13Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 14Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 15Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 16Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 17Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 18Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 19Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 20Page - Texas Instruments LM8333GGR8AXS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LM8333
www.ti.com
SNLS246K – SEPTEMBER 2006 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
3.5V
Voltage at Any Pin
-0.3V to VCC +0.3V
Maximum Input Current Without Latchup
±100 mA
ESD Protection Level
Human Body Model
2 kV
Machine Model
200V
Total Current into VCC Pin (Source)
80 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
−65°C to +140°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not specified. For specifications and test conditions, see the
Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
DC ELECTRICAL CHARACTERISTICS
(Temperature: -40°C
≤ TA ≤ +85°C)
Data sheet specification limits are specified by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min (1)
Typ
Max (1)
Units
VCC
Operating Voltage
2.25
2.9
V
Power Supply Rise Time from 0.0V
20 µs
10 ms
(On Chip Power-On Reset Selected)
IDD
Supply Current (2)
RC Clock = 10 MHz,
6
mA
VCC = 2.75V, TC = 1 µs
(3)
IHALT
Standby Mode Current (4)
VCC = 2.75V, TC = 0 µs,
(3), T
A
<2
15
µA
= 25°C
VIL
Logical 0 Input Voltage
0.25 VCC
V
VIH
Logical 1 Input Voltage
0.8 VCC
V
Hi-Z Input Leakage (TRI-STATE Output)
VCC = 2.75V
-0.1
0.1
µA
Input PullupCurrent
VCC = 2.75V, VIN = 0V
-15
-120
µA
Port Input Hysteresis (5)
0.1
V
Output Current Source (Weak Pull-Up)
VCC = 2.25V, VOH = 1.7V
-10
-80
µA
Output Current Source (Push-Pull Mode)
VCC = 2.25V, VOH = 1.7V
-10
mA
Output CurrentSink (Push-Pull Mode)
VCC = 2.25V, VOL = 0.4V
10
mA
Allowable Sink and Source Current per Pin
16
mA
CPAD
Input Capacitance
8.5
pF
(1)
Data sheet minimum and maximum limits are specified by design, test, or statistical analysis.
(2)
Supply current is measured with inputs connected to VCC and outputs driven low but not connected to a load.
(3)
TC = instruction cycle time (min. 0.7 µs).
(4)
In Halt mode, the internal clock is switched off. Supply current in Halt mode is measured with inputs connected to VCC and outputs
driven low but not connected to a load.
(5)
Specified by design, not tested.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM8333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com