Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U222-004-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # U222-004-R
Description  4-Port USB 2.0 Ultra-Mini Compact Hub with Power Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

U222-004-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  U222-004-R Datasheet HTML 1Page - Eaton All Rights Reserved. U222-004-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
4-Port USB 2.0 Ultra-Mini Compact Hub with
Power Adapter
MODEL NUMBER: U222-004-R
Description
The ultra small 4-port USB 2.0 hub is the most versatile and powerful hub on the market. This USB 2.0
hub allows you to connect up to four USB devices to a single USB port on a PC/Mac/laptop. Meets or
Exceeds USB 2.0 Specifications for hi-speed data transmission rates up to 480Mbps. Perfect for both the
desktop and mobile user. For the mobile user, this full featured hub with built-in cable is pocket size and
an ideal solution for the user on the go. All four ports support USB Battery Charging ( BC ) specification
v1.2, providing up to 1.5A for fast charging of mobile devices. Includes a 100-240V, 5V, 2A power
adapter. This USB 2.0 device is backwards compatible so that it will function with both USB 2.0 devices as
well as USB 1.1 peripherals. Comes in a clamshell retail package.
Features
USB2.0 Hub - 4-Port
q
Supports all data transfer rates up to 480Mbps
q
Compact design with built-in cable (6-in.), perfect for travel
q
Plug-and-play/hot-swappable allows you to add or remove a device at any time
q
Diagnostic LEDs indicate power and port status
q
Bus-powered or self-powered
q
All four ports support USB Battery Charging ( BC ) specification v1.2, providing up to 1.5A for fast
charging of mobile devices
q
Includes External Power Supply with NEMA 1-15P Plug (Input: 100-240V, 50/60Hz, 0.35A; Output: 5V,
2A)
q
Compatible with all major operating systems
q
Highlights
Link multiple USB devices to 1
computer with ultra-compact
hub
q
Meets or Exceeds USB 2.0
Specifications
q
Includes External Power Supply
with NEMA 1-15P Plug (Input:
100-240V, 50/60Hz, 0.35A;
Output: 5V, 2A)
q
All four ports support USB
Battery Charging ( BC )
specification v1.2, providing up
to 1.5A for fast charging of
mobile devices
q
Package Includes
U222-004-R USB2.0 4-Port
Ultra-Mini Hub
q
External Power Supply with
NEMA 1-15P Plug (Input: 100-
240V, 50/60Hz, 0.35A; Output:
5V, 2A)
q
1 / 2


Similar Part No. - U222-004-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U222-004-R ETC2-U222-004-R Datasheet
496Kb / 3P
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub with power adapter
More results

Similar Description - U222-004-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB20H04 SMSC-USB20H04 Datasheet
762Kb / 35P
4-PORT USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
U222-004-R ETC2-U222-004-R Datasheet
496Kb / 3P
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub with power adapter
logo
Tripp Lite. All Rights ...
U222004 TRIPPLITE-U222004 Datasheet
478Kb / 2P
4-Port USB 2.0 Hi-Speed Ultra-Mini Hub
U222004R TRIPPLITE-U222004R Datasheet
490Kb / 2P
4-Port USB 2.0 Hi-Speed Ultra-Mini Compact Hub with Power Adapter
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
logo
Exar Corporation
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
USB 2.0 4-Port MTT Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
logo
Coolgear Inc.
USBG-4PUSB2-MH COOLGEAR-USBG-4PUSB2-MH Datasheet
121Kb / 3P
4-Port USB 2.0 Mini Metal High-Speed Hub
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com