Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U222-004-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # U222-004-R
Description  4-Port USB 2.0 Ultra-Mini Compact Hub with Power Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

U222-004-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  U222-004-R Datasheet HTML 1Page - Eaton All Rights Reserved. U222-004-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
OVERVIEW
UPC Code
037332118127
AC Adapter
Input: 100-240V, 50/60Hz, 0.35A; Output: 5V, 2A
OUTPUT
Charging Ports / Amps
(4) 1.2A
INPUT
Cable Length (ft.)
0.5
Cable Length (m)
0.2
PHYSICAL
Shipping Dimensions (hwd / in.)
1.00 x 4.00 x 5.10
Shipping Dimensions (hwd / cm)
2.54 x 10.16 x 12.95
Shipping Weight (lbs.)
0.30
Shipping Weight (kg)
0.14
Color
Black
CONNECTIONS
Ports
4
Side A - Connector 1
USB A (MALE)
Side B - Connector 1
(4) USB A (FEMALE)
FEATURES & SPECIFICATIONS
Technology
USB 2.0 (High Speed); USB
WARRANTY
Product Warranty Period
(Worldwide)
3-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com