Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F200AST Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS28F200AST
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F200AST Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS28F200AST Datasheet HTML 11Page - Texas Instruments TMS28F200AST Datasheet HTML 12Page - Texas Instruments TMS28F200AST Datasheet HTML 13Page - Texas Instruments TMS28F200AST Datasheet HTML 14Page - Texas Instruments TMS28F200AST Datasheet HTML 15Page - Texas Instruments TMS28F200AST Datasheet HTML 16Page - Texas Instruments TMS28F200AST Datasheet HTML 17Page - Texas Instruments TMS28F200AST Datasheet HTML 18Page - Texas Instruments TMS28F200AST Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
erase operations (continued)
Erase-setup and erase-confirm commands are latched on the rising edge of E or W, whichever occurs first.
Block addresses are latched during the block-erase-confirm command on the rising edge of E or W (see
Figure 14 and Figure 15). When the block-erase-confirm command is complete, the WSM automatically
executes a sequence of events to complete the block erasure. During this sequence, the block is
programmed with logic 0s, data is verified, all bits in the block are erased, and finally, verification is
performed to ensure that all bits are erased correctly. Monitoring of the erase operation is possible through
the status register (see the “read status register” paragraph in the “read operations” subsection).
D erase-suspend/erase-resume
During the execution of an erase operation, the erase-suspend command (B0h ) can be entered to direct the
WSM to suspend the erase operation. Once the WSM has reached the suspend state, it allows the CSM to
respond only to the read-array, read-status-register, and erase-resume commands. During the
erase-suspend operation, array data should be read from a block other than the one being erased. To
resume the erase operation, an erase-resume command (D0h ) must be issued to cause the CSM to clear
the suspend state previously set (see Figure 5 and Figure 6).
automatic power-saving mode
Substantial power savings are realized during periods when the array is not being read and the device is in the
active mode. During this time, the device switches to the automatic power-saving (APS) mode. When the device
switches to this mode, ICC is typically reduced from 40 mA to 1 mA (IOUT = 0 mA). The low level of power is
maintained until another read operation is initiated. In this mode, the I/O pins retain the data from the last
memory address read until a new address is read. This mode is entered automatically if no address or control
pins toggle within approximately a 200-ns time-out period. At least one transition on E must occur after power
up to activate this mode.
reset / deep power-down mode
Very low levels of power consumption can be attained by using a special pin, RP, to disable internal device
circuitry. When RP is at a CMOS logic-low level of 0.0 V
± 0.2 V, a much lower ICC value or power is achievable.
This is important in portable applications where extended battery life is of major concern.
A recovery time is required when exiting from deep power-down mode. For a read-array operation, a
minimum of td(RP) is required before data is valid, and a minimum of trec(RPHE) and trec(RPHW) in deep
power-down mode is required before data input to the CSM can be recognized. With RP at ground, the WSM
is reset and the status register is cleared, effectively eliminating accidental programming to the array during
system reset. After restoration of power, the device does not recognize any operation command until RP is
returned to a VIH or VHH level.
Should RP go low during a program or erase operation, the device powers down and, therefore, becomes
nonfunctional. Data being written or erased at that time becomes invalid or indeterminate, requiring that the
operation be performed again after power restoration.
power supply detection
RP must be connected to the system reset / power down signal to ensure that proper synchronization is
maintained between the CPU and the flash memory operating modes. The default state after power up and exit
from deep power-down mode is read array. RP also is used to indicate that the power supply is stable so that
the operating supply voltage can be established (3 V, 3.3 V, or 5 V). Figure 10 shows the proper power-up
sequence. To reset the operating supply voltage, the device must be completely powered off (VCC = 0 V) before
the new supply voltage is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com