Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS28F200AST Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS28F200AST
Description  262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F200AST Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS28F200AST Datasheet HTML 17Page - Texas Instruments TMS28F200AST Datasheet HTML 18Page - Texas Instruments TMS28F200AST Datasheet HTML 19Page - Texas Instruments TMS28F200AST Datasheet HTML 20Page - Texas Instruments TMS28F200AST Datasheet HTML 21Page - Texas Instruments TMS28F200AST Datasheet HTML 22Page - Texas Instruments TMS28F200AST Datasheet HTML 23Page - Texas Instruments TMS28F200AST Datasheet HTML 24Page - Texas Instruments TMS28F200AST Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
TMS28F002Axy, TMS28F200Axy
262144 BY 8-BIT/131072 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
common electrical parameter (continued)
7 V
VCC + 0.5 V
2.0 V
20 ns
20 ns
20 ns
Figure 9. Maximum Positive Overshoot Waveform
Table 9. AC Test Conditions
VCCRANGE
IOL
(mA)
IOH
(mA)
VZ†
(V)
VOL
(V)
VOH
(V)
VIL
(V)
VIH
(V)
CL
(pF)
tf
(ns)
tr
(ns)
5 V
± 10%
2.1
– 0.4
1.8
0.8
2.0
0.45
2.4
100
<10
<10
3.3 V
± 0.3 V
0.5
– 0.5
1.5
1.5
1.5
0.0
3.0
50
<10
<10
2.7 to 3.6 V
0.1
– 0.1
1.35
1.35
1.35
0.0
2.7
50
<10
<10
† VZ is the value to which an output at high impedance will float. VZ is calculated by the following equation: VZ = VOH – IOH (VOH – VOL)/
(IOH – IOL).
capacitance over recommended ranges of supply voltage and operating free-air temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ci
Input capacitance
f = 1 MHz, VI = 0V
8
pF
Co
Output capacitance
VO = 0 V, f = 1 MHz
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com