Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48312 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM48312
Description  LM48312 Boomer™ Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48312 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48312 Datasheet HTML 8Page - Texas Instruments LM48312 Datasheet HTML 9Page - Texas Instruments LM48312 Datasheet HTML 10Page - Texas Instruments LM48312 Datasheet HTML 11Page - Texas Instruments LM48312 Datasheet HTML 12Page - Texas Instruments LM48312 Datasheet HTML 13Page - Texas Instruments LM48312 Datasheet HTML 14Page - Texas Instruments LM48312 Datasheet HTML 15Page - Texas Instruments LM48312 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LM48312
SNAS494D – JANUARY 2010 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
GENERAL AMPLIFIER FUNCTION
The LM48312 mono Class D audio power amplifier features a filterless modulation scheme that reduces external
component count, conserving board space and reducing system cost. The outputs of the device transition from
VDD to GND with a 300kHz switching frequency. With no signal applied, the outputs (VOUTA and VOUTB) switch
with a 50% duty cycle, in phase, causing the two outputs to cancel. This cancellation results in no net voltage
across the speaker, thus there is no current to the load in the idle state.
With the input signal applied, the duty cycle (pulse width) of the LM48312 outputs changes. For increasing output
voltage, the duty cycle of VOUTA increases, while the duty cycle of VOUTB decreases. For decreasing output
voltages, the converse occurs. The difference between the two pulse widths yields the differential output voltage.
ENHANCED EMISSIONS SUPPRESSION SYSTEM (E
2S)
The LM48312 features TI’s patented E2S system that reduces EMI, while maintaining high quality audio
reproduction and efficiency. The E2S system features spread spectrum and advanced edge rate control (ERC).
The LM48312 ERC greatly reduces the high frequency components of the output square waves by controlling the
output rise and fall times, slowing the transitions to reduce RF emissions, while maximizing THD+N and
efficiency performance. The overall result of the E2S system is a filterless Class D amplifier that passes FCC
Class B radiated emissions standards with 20in of twisted pair cable, with excellent 0.03% THD+N and high 88%
efficiency.
SPREAD SPECTRUM
The spread spectrum modulation reduces the need for output filters, ferrite beads or chokes. The switching
frequency varies randomly by 30% about a 300kHz center frequency, reducing the wideband spectral contend,
improving EMI emissions radiated by the speaker and associated cables and traces. Where a fixed frequency
class D exhibits large amounts of spectral energy at multiples of the switching frequency, the spread spectrum
architecture of the LM48312 spreads that energy over a larger bandwidth (See Typical Performance
Characteristics). The cycle-to-cycle variation of the switching period does not affect the audio reproduction,
efficiency, or PSRR.
DIFFERENTIAL AMPLIFIER EXPLANATION
As logic supplies continue to shrink, system designers are increasingly turning to differential analog signal
handling to preserve signal to noise ratios with restricted voltage signs. The LM48312 features a fully differential
speaker amplifier. A differential amplifier amplifies the difference between the two input signals. Traditional audio
power amplifiers have typically offered only single-ended inputs resulting in a 6dB reduction of SNR relative to
differential inputs. The LM48312 also offers the possibility of DC input coupling which eliminates the input
coupling capacitors. A major benefit of the fully differential amplifier is the improved common mode rejection ratio
(CMRR) over single ended input amplifiers. The increased CMRR of the differential amplifier reduces sensitivity
to ground offset related noise injection, especially important in noisy systems.
POWER DISSIPATION AND EFFICIENCY
The major benefit of a Class D amplifier is increased efficiency versus a Class AB. The efficiency of the
LM48312 is attributed to the region of operation of the transistors in the output stage. The Class D output stage
acts as current steering switches, consuming negligible amounts of power compared to their Class AB
counterparts. Most of the power loss associated with the output stage is due to the IR loss of the MOSFET on-
resistance, along with switching losses due to gate charge.
GAIN SETTING
The LM48312 features five internally configured gain settings, 0, 3, 6, 9, and 12dB. The device gain is selected
through a single pin (GAIN). The gain settings are shown in Table 1. The gain of the LM48312 is determined at
startup. When the LM48312 is powered up or brought out of shutdown, the device checks the state of GAIN, and
sets the amplifier gain accordingly. Once the gain is set, the state of GAIN is ignored and the device gain cannot
be changed until the device is either shutdown or powered down.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM48312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com