Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6505MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6505MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
+0.2 VDC
+VIN
RF IN
RG
100:
R1
50:
C1
0.01 PF
+5V
-5V
1V DC
RT
50:
RP1
10 k:
RF
1 k:
ROUT
50:
RL
50:
VG
+
-
LMH6505
PORT 1
PORT 2
LMH6505
www.ti.com
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TJ = 25°C, VS = ±5V, AVMAX = 9.4 V/V, RF = 1 kΩ, RG = 100Ω, VIN =
±0.1V, RL = 100Ω, VG = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
Frequency Domain Response
BW
−3 dB Bandwidth
VOUT < 1 VPP
150
MHz
VOUT < 4 VPP, AVMAX = 100
38
GF
Gain Flatness
VOUT < 1 VPP
40
MHz
0.9V
≤ VG ≤ 2V, ±0.2 dB
Att Range
Flat Band (Relative to Max Gain)
±0.2 dB Flatness, f < 30 MHz
26
dB
Attenuation Range (4)
±0.1 dB Flatness, f < 30 MHz
9.5
BW
Gain control Bandwidth
VG = 1V
(5)
100
MHz
Control
CT (dB)
Feed-through
VG = 0V, 30 MHz
−51
dB
(Output/Input)
GR
Gain Adjustment Range
f < 10 MHz
80
dB
f < 30 MHz
71
Time Domain Response
tr, tf
Rise and Fall Time
0.5V Step
2.1
ns
OS %
Overshoot
10
%
SR
Slew Rate (6)
Non Inverting
900
V/
μs
Inverting
1500
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the Electrical
Tables under conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Flat Band Attenuation (Relative To Max Gain) Range Definition: Specified as the attenuation range from maximum which allows gain
flatness specified (either ±0.2 dB or ±0.1 dB), relative to AVMAX gain. For example, for f < 30 MHz, here are the Flat Band Attenuation
ranges:
±0.2 dB: 19.7 dB down to -6.3 dB = 26 dB range
±0.1 dB: 19.7 dB down to 10.2 dB = 9.5 dB range
(5)
Gain control frequency response schematic:
(6)
Slew rate is the average of the rising and falling slew rates.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com