Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6505MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6505MA/NOPB
Description  LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6505MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6505MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6505MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
VIN
1
8
3
2
5
4
7
6
RF
1 k:
RL
100:
RG
100:
V
-
V
+
VG
-0.5
0
0.5
1
1.5
VG (V)
2
-90
-70
-50
30
-30
-10
10
0
2
4
12
6
8
10
11
9
7
5
3
1
dB
V/V
125°C
25°C
-55°C
125°C
25°C
-55°C
LMH6505
www.ti.com
SNOSAT4E – DECEMBER 2005 – REVISED APRIL 2013
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
Check for Samples: LMH6505
Near ideal input characteristics (i.e. low input bias
1
FEATURES
current, low offset, low pin 3 resistance) enable the
2
•
VS = ±5V, TA = 25°C, RF = 1 kΩ, RG = 100Ω, RL =
device to be easily configured as an inverting
100
Ω, AV = AVMAX = 9.4 V/V, Typical Values
amplifier as well.
Unless Specified.
To provide ease of use when working with a single
•
−3 dB BW 150 MHz
supply, the VG range is set to be from 0V to +2V
•
Gain Control BW 100 MHz
relative to the ground pin potential (pin 4). VG input
impedance is high in order to ease drive requirement.
•
Adjustment Range (<10 MHz) 80 dB
In single supply operation, the ground pin is tied to a
•
Gain Matching (Limit) ±0.50 dB
"virtual" half supply.
•
Supply Voltage Range 7V to 12V
The LMH6505’s gain control is linear in dB for a large
•
Slew Rate (Inverting) 1500 V/
μs
portion of the total gain control range from 0 dB down
•
Supply Current (No Load) 11 mA
to
−85 dB at 25°C, as shown below. This makes the
device suitable for AGC applications. For linear gain
•
Linear Output Current ±60 mA
control applications, see the LMH6503 datasheet.
•
Output Voltage Swing ±2.4V
The LMH6505 is available in either the 8-Pin SOIC or
•
Input Noise Voltage 4.4 nV/
√Hz
the 8-Pin VSSOP package. The combination of
•
Input Noise Current 2.6 pA/
√Hz
minimal external components and small outline
•
THD (20 MHz, RL = 100Ω, VO = 2 VPP) −45 dBc
packages allows the LMH6505 to be used in space-
constrained applications.
APPLICATIONS
•
Variable Attenuator
•
AGC
•
Voltage Controlled Filter
•
Video Imaging Processing
DESCRIPTION
The LMH6505 is a wideband DC coupled voltage
controlled gain stage followed by a high speed
current feedback operational amplifier which can
directly drive a low impedance load. The gain
adjustment range is 80 dB for up to 10 MHz which is
accomplished by varying the gain control input
Figure 1. Gain vs. VG
voltage, VG.
Maximum gain is set by external components, and
the gain can be reduced all the way to cutoff. Power
Typical Application
consumption is 110 mW with a speed of 150 MHz
and a gain control bandwidth (BW) of 100 MHz.
Output referred DC offset voltage is less than 55 mV
over the entire gain control voltage range. Device-to-
device gain matching is within ±0.5 dB at maximum
gain. Furthermore, gain is tested and ensured over a
wide range. The output current feedback op amp
allows high frequency large signals (Slew Rate =
1500 V/
μs) and can also drive a heavy load current
(60 mA) ensured.
Figure 2. AVMAX = 9.4 V/V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6505MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6505MA/NOPB TI1-LMH6505MA/NOPB Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results

Similar Description - LMH6505MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com