Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB.A Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH1981MT/NOPB.A
Description  LMH1981 Multi-Format Video Sync Separator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH1981MT/NOPB.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH1981MT/NOPB.A Datasheet HTML 9Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 10Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 11Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 12Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 13Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 14Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 15Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 16Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Start- up Time
Settling
Time
Sync Lock Time
Signal
Before CIN
AC Coupled
Signal (VIN)
HSync
VSync
0
2
4
6
8
10
0
500
1000
1500
2000
2500
CIN (PF)
PAL
1080I
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
Figure 11. Typical HSync Jitter vs. CIN Values
Sync Lock Time
In addition to settling time, the LMH1981 has a predetermined sync lock time, TSYNC-LOCK, before the outputs are
correct. Once the AC-coupled input has settled enough, the LMH1981 needs time to detect the valid video signal
and resolve the blanking & sync tip levels for 50% sync slicing before the output signals are correct.
For practical values of CIN, TSYNC-LOCK is typically less than 1 or 2 video fields in duration starting from the 1st
valid VSync output pulse to the valid HSync pulses beginning thereafter. VSync and HSync pulses are
considered valid when they align correctly with the input's vertical and horizontal sync intervals. Note that the
start-up time may vary depending on the video duty cycle, average picture level variations, and start point of
video relative to the vertical sync interval.
It is recommended for the outputs to be applied to the system after the start-up time is satisfied and outputs are
valid. For example, the oscilloscope screenshot in Figure 12 shows a typical start-up time of about 13.5 ms from
when an NTSC signal is switched in (no previous input) to when the LMH1981 outputs are valid.
Figure 12. Typical Start-Up Time for NTSC Input to LMH1981 via 1 µF Coupling Capacitor
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com