Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH1981MT/NOPB.A Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH1981MT/NOPB.A
Description  LMH1981 Multi-Format Video Sync Separator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH1981MT/NOPB.A Datasheet(HTML) 3 Page - Texas Instruments

  LMH1981MT/NOPB.A Datasheet HTML 1Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 2Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 3Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 4Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 5Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 6Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 7Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LMH1981MT/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LMH1981
www.ti.com
SNLS214H – APRIL 2006 – REVISED MARCH 2013
Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, VCC = VCC1 = VCC2 = VCC3 = 3.3V, REXT = 10 kΩ 1%,
RL = 10 kΩ, CL < 10 pF.Boldface limits apply at the temperature extremes. See Figure 2.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
ICC
Supply Current
No input signal
VCC = 3.3V
9.5
11.5
mA
VCC = 5V
11
13.5
Video Input Specifications
VIN-SYNC
Input Sync Amplitude
Amplitude from negative sync tip to video
0.14
0.30
0.60
blanking level for SD/EDTV bi-level sync
(4) (5) (6)
VPP
Amplitude from negative to positive sync tips
0.30
0.60
1.20
for HDTV tri-level sync (4)(7)(6)
VIN-CLAMP
Input Sync Tip Clamp Level
0.7
V
VIN-SLICE
Input Sync Slice Level
Level between video blanking & sync tip for
50
%
SD/EDTV and between negative & positive
sync tips for HDTV
Logic Output Specifications (8)
VOL
Output Logic 0
See output load conditions
VCC = 3.3V
0.3
V
above
VCC = 5V
0.5
VOH
Output Logic 1
See output load conditions
VCC = 3.3V
3.0
V
above
VCC = 5V
4.5
TSYNC-LOCK
Sync Lock Time
Time for the output signals to be correct after
2
V
the video signal settles at VIN following a
periods
significant input change. See START-UP
TIME for more information
TVSOUT
Vertical Sync Output Pulse
See Figure 3, Figure 4, Figure 5, Figure 6,
3
H
Width
Figure 7, and Figure 8 for SDTV, EDTV &
periods
HDTV Vertical Interval Timing
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
VIN-AMPL plus VIN-CLAMP should not exceed VCC.
(5)
Tested with 480I signal.
(6)
Maximum voltage offset between 2 consecutive input horizontal sync tips must be less than 25 mVPP.
(7)
Tested with 720P signal.
(8)
Outputs are negative-polarity logic signal, except for odd/even field and video format outputs.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH1981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com