Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

810 Datasheet(PDF) 6 Page - 3M Electronics

Part # 810
Description  3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

810 Datasheet(HTML) 6 Page - 3M Electronics

  810 Datasheet HTML 1Page - 3M Electronics 810 Datasheet HTML 2Page - 3M Electronics 810 Datasheet HTML 3Page - 3M Electronics 810 Datasheet HTML 4Page - 3M Electronics 810 Datasheet HTML 5Page - 3M Electronics 810 Datasheet HTML 6Page - 3M Electronics 810 Datasheet HTML 7Page - 3M Electronics 810 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ 4-Wall, Tripolarized Header
.050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
810 Series
TS-0253-K
Sheet 6 of 7
.346 ± .010
[8.79]
.140 ± .010
[3.56]
.265
[6.73]
Position 1
Orientation
Triangle
.440 ± .010
[11.18]
.620 Ref
[15.75]
D
.165 ± .010
[4.19]
Short Latch
Long Latch
.092
[2.34]
Optional Single Press
Fit Post Mount/Alignment
Feature
∅
.116
[2.95]
Optional Metal
Clip Retention
.015
[0.38]
.405
[10.29]
.828 Ref
[21.03]
.093
[2.36]
.05 Ref
Contact
Mating
Point
Ordering Information
SMT Straight Header
81XXX - 6X0C0X - XX - XX
Ejector/Latch System:
0 = None (Special Order)
5 = With Short Ejectors Installed (Special Order)
6 = With Long Ejector Latches Installed
(Standard)
Board Mounting Options:
1 = None
4 = Press Fit Post Mount at Position 1 end
7 = Metal retention clips
8 = #1 end press fit post & metal retention clips
(Special Order)
Packaging Options:
Blank = Trays
WX = Tape & Reel Package
(see table)
Contact Quantity
(See Table 7)
Ejector Latches
(If Ordered Separately)
Long Latches
3505-28B (black)
Short Latches
3505-29B (black)
C
Inch
[Imm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.01
±.005
[ ] Dimensions for Reference Only
Plating suffix:
blank = 125 µ" tin lead tails (RIA E3 & C2 apply)
RB = 250 µ" matte tin tails (RIA E1 & C1 apply)
Notes:
1. This polarization bump does not exist on the 20 position header.
2. Recommended to be mated to the .050" X .100" 820 Series Wiremount Socket.
Table 7
Contact
Quantity
Dimensions
A
B
D Short
(Ref.)
D Long
(Ref.)
Tape &
Reel Suffix
020
1.060
[26.92]
0.722
[18.34]
1.671
[42.44]
1.842
[46.79]
WF
026
1.210
[30.73]
0.872
[22.15]
1.821
[46.25]
1.992
[50.60]
WF
036
1.460
[37.08]
1.122
[28.50]
2.071
[2.60]
2.242
[56.95]
WG
040
1.560
[39.62]
1.222
[31.04]
2.171
[55.14]
2.342
[59.49]
WG
050
1.810
[45.97]
1.472
[37.39]
2.421
[61.49]
2.592
[65.84]
WG
060
2.060
[52.32]
1.722
[43.74]
2.671
[67.84]
2.842
[72.19]
WG
068
2.260
[57.40]
1.922
[48.82]
2.871
[72.92]
3.042
[77.27]
WH
080
2.560
[65.02]
2.222
[56.44]
3.171
[80.54]
3.342
[84.89]
WH
100
3.060
[77.72]
2.722
[69.14]
3.671
[93.24]
3.842
[97.59]
WH
Notes: Latches supplied in the "open" position unless specified otherwise
Suffix determined with no posts or clips.
Addition of posts or clips may increase suffix.
120 mm (WH) is the maximum width of pocket tape.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com