Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

810 Datasheet(PDF) 1 Page - 3M Electronics

Part # 810
Description  3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

810 Datasheet(HTML) 1 Page - 3M Electronics

  810 Datasheet HTML 1Page - 3M Electronics 810 Datasheet HTML 2Page - 3M Electronics 810 Datasheet HTML 3Page - 3M Electronics 810 Datasheet HTML 4Page - 3M Electronics 810 Datasheet HTML 5Page - 3M Electronics 810 Datasheet HTML 6Page - 3M Electronics 810 Datasheet HTML 7Page - 3M Electronics 810 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ 4-Wall, Tripolarized Header
.050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
810 Series
• Tripolarized for robust alignment when mating to 820
series socket
• 50 mil × 100 mil halves the connector length vs. traditional
100 mil x 100 mil products
• Latching Ejector for rugged high performance applications
• Available for through hole or surfacemount attachment
• High temperature plastic for lead free surfacemount or
Paste-in-Hole soldering methods
• Four-wall shroud provides contact protection
• Contacts: 20, 26, 36, 40, 50, 60, 68, 80 and 100
• See the Regulatory Information Appendix (RIA)
in the “RoHS compliance” section of
www.3Mconnectors.com for compliance information
Date Modified: April 2, 2013
TS-0253-K
Sheet 1 of 7
Physical
Insulation:
Material: High Temperature Plastic (LCP)
Flammability: UL 94V-0
Color: Black
Contact:
Material: Copper Alloy
Plating:
Underplating: 100 µ" [2.54 mm] Nickel
Wiping Area: 30 µ" [0.76 mm] Gold
Solder Tails: Matte Tin or Tin Lead (See Ordering Information)
Marking: 3M Logo, Part Number and Orientation Triangle
Mating Compatibility: 820 Series (TS-0254)
Electrical
Current Rating: 3.00A, 1 Contact Powered
2.00 A, 4 Contacts Powered
0.75 A, All Contacts powered
Rating Conditions: EIA-364-070 Method 2, 30 degrees C maximum temperature
rise, 20% derated. Reference appropriate 3M Product Specification for detailed
current derating curves.
Insulation Resistance: > 1 × 109 Ω at 500 VDC
Withstanding Voltage: 500 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: Maximum 260°C (Profile per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080


Similar Part No. - 810

ManufacturerPart #DatasheetDescription
logo
Littelfuse
810 LITTELFUSE-810 Datasheet
83Kb / 1P
PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
Aries Electronics, Inc.
810 ARIES-810 Datasheet
761Kb / 1P
High-volume Vertical Display Mounting Applications
logo
France Joint
810 FRANCEJOINT-810 Datasheet
3Mb / 21P
efficient and cost-effective solution to wear problems on the shaft.
logo
Littelfuse
810 LITTELFUSE-810 Datasheet
913Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
12/19/19
810 LITTELFUSE-810 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 810

ManufacturerPart #DatasheetDescription
logo
3M Electronics
81068-600C04 3M-81068-600C04 Datasheet
1Mb / 8P
.050 × .100 Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series
14-Nov-2012
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
3M™ Three-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight, Compliant Pin
03-Apr-2013
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
.100 × .100 Latch/Ejector, Straight and Right Angle
260
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
3000 3M-3000_V01 Datasheet
1Mb / 5P
100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com