Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2014MT/NOPB.A Datasheet(PDF) 15 Page - Texas Instruments

Part # LMP2014MT/NOPB.A
Description  LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2014MT/NOPB.A Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP2014MT/NOPB.A Datasheet HTML 11Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 12Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 13Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 14Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 15Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 16Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 17Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 18Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LMP2014MT
www.ti.com
SNOSAK6B – DECEMBER 2004 – REVISED MARCH 2013
LMP2014 AS ADC INPUT AMPLIFIER
The LMP2014 is a great choice for an amplifier stage immediately before the input of an ADC (Analog-to-Digital
Converter), whether AC or DC coupled. See Figure 35 and Figure 36. This is because of the following important
characteristics:
a. Very low offset voltage and offset voltage drift over time and temperature allow a high closed-loop gain
setting without introducing any short-term or long-term errors. For example, when set to a closed-loop gain of
100 as the analog input amplifier for a 12-bit A/D converter, the overall conversion error over full operation
temperature and 30 years life of the part (operating at 50°C) would be less than 5 LSBs.
b. Fast large-signal settling time to 0.01% of final value (1.4
μs) allows 12 bit accuracy at 100 KHZ or more
sampling rate.
c. No flicker (1/f) noise means unsurpassed data accuracy over any measurement period of time, no matter
how long. Consider the following op amp performance, based on a typical low-noise, high-performance
commercially-available device, for comparison:
Op amp flatband noise = 8nV/
√Hz
1/f corner frequency = 100 Hz
AV = 2000
Measurement time = 100 sec
Bandwidth = 2 Hz
This example will result in about 2.2 mVPP (1.9 LSB) of output noise contribution due to the op amp alone,
compared to about 594
μVPP (less than 0.5 LSB) when that op amp is replaced with the LMP2014 which has
no 1/f contribution. If the measurement time is increased from 100 seconds to 1 hour, the improvement
realized by using the LMP2014 would be a factor of about 4.8 times (2.86 mVPP compared to 596 μV when
LMP2014 is used) mainly because the LMP2014 accuracy is not compromised by increasing the observation
time.
d. Copper leadframe construction minimizes any thermocouple effects which would degrade low level/high gain
data conversion application accuracy (see discussion under " The Benefits of the LMP2014" section above).
e. Rail-to-Rail output swing maximizes the ADC dynamic range in 5-Volt single-supply converter applications.
Below are some typical block diagrams showing the LMP2014 used as an ADC amplifier.
Figure 36.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP2014MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com