Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2014MT/NOPB.A Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP2014MT/NOPB.A
Description  LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2014MT/NOPB.A Datasheet(HTML) 1 Page - Texas Instruments

  LMP2014MT/NOPB.A Datasheet HTML 1Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 2Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 3Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 4Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 5Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 6Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP2014MT/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LMP2014MT
www.ti.com
SNOSAK6B – DECEMBER 2004 – REVISED MARCH 2013
LMP2014MT Quad High Precision, Rail-to-Rail Output Operational Amplifier
Check for Samples: LMP2014MT
1
FEATURES
DESCRIPTION
The LMP2014MT is a member of Texas Instruments'
2
•
(For VS = 5V, Typical Unless Otherwise Noted)
new
LMPTM
precision
amplifier
family.
The
•
Low Specified VOS Over Temperature 60 µV
LMP2014MT offers unprecedented accuracy and
•
Low Noise with No 1/f 35nV/
√Hz
stability while also being offered at an affordable
price. This device utilizes patented techniques to
•
High CMRR 130 dB
measure and continually correct the input offset error
•
High PSRR 120 dB
voltage. The result is an amplifier which is ultra stable
•
High AVOL 130 dB
over time and temperature. It has excellent CMRR
and PSRR ratings, and does not exhibit the familiar
•
Wide Gain-Bandwidth Product 3 MHz
1/f voltage and current noise increase that plagues
•
High Slew Rate 4 V/µs
traditional
amplifiers.
The
combination
of
the
•
Low Supply Current 3.7 mA
LMP2014 characteristics makes it a good choice for
transducer amplifiers, high gain configurations, ADC
•
Rail-to-Rail Output 30 mV
buffer amplifiers, DAC I-V conversion, and any other
•
No External Capacitors Required
2.7V-5V application requiring precision and long term
stability.
APPLICATIONS
Other useful benefits of the LMP2014 are rail-to-rail
•
Precision Instrumentation Amplifiers
output, a low supply current of 3.7 mA, and wide
•
Thermocouple Amplifiers
gain-bandwidth product of 3 MHz. These extremely
versatile features found in the LMP2014 provide high
•
Strain Gauge Bridge Amplifier
performance and ease of use.
Connection Diagram
Figure 1. 14-Pin TSSOP – Top View
See Package Number PW
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP2014MT/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2014MT/NOPB TI1-LMP2014MT/NOPB Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LMP2014MT/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com