Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR43 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAR43
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR43 Datasheet(HTML) 1 Page - STMicroelectronics

  BAR43 Datasheet HTML 1Page - STMicroelectronics BAR43 Datasheet HTML 2Page - STMicroelectronics BAR43 Datasheet HTML 3Page - STMicroelectronics BAR43 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
BAR 42
BAR 43, A, C, S
SMALL SIGNAL SCHOTTKY DIODES
DESCRIPTION
General purpose metal to silicon diodes featuring
very low turn-on voltage and fast switching.
June 1999 - Ed: 2A
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF
Continuous forward current
100
mA
IFSM
Surge non repetitive forward current
tp=10ms sinusoidal
750
mA
Ptot
Power dissipation (note 1)
Tamb =25
°C
250
mW
Tstg
Maximum storage temperature range
- 65 to +150
°C
Tj
Maximum operating junction temperature *
150
°C
TL
Maximum temperature for soldering during 10s
260
°C
Note 1: for double diodes, Ptot is the total power dissipation of both diodes.
ABSOLUTE RATINGS (limiting values)
SOT-23
(Plastic)
K
N.C.
A
K
A1
A1
A2
A
K1
K2
K2
K1
A2
BAR42/BAR43
BAR43A
BAR43C
BAR43S
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
Symbol
Test conditions
Value
Unit
Rth(j-a)
Junction-ambient *
500
°C/W
* Mounted on epoxy board with recommended pad layout.
THERMAL RESISTANCE
1/4


Similar Part No. - BAR43

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAR43 FAIRCHILD-BAR43 Datasheet
30Kb / 2P
Schottky Diodes
BAR43 FAIRCHILD-BAR43 Datasheet
41Kb / 2P
BAR43/A/C/S
logo
SEMTECH ELECTRONICS LTD...
BAR43 SEMTECH_ELEC-BAR43 Datasheet
181Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAR43 MCC-BAR43 Datasheet
164Kb / 2P
200mW SCHOTTKY DIODE
logo
Sangdest Microelectroni...
BAR43 SMC-BAR43 Datasheet
153Kb / 5P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAR43

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com