Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR43 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAR43
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR43 Datasheet(HTML) 2 Page - STMicroelectronics

  BAR43 Datasheet HTML 1Page - STMicroelectronics BAR43 Datasheet HTML 2Page - STMicroelectronics BAR43 Datasheet HTML 3Page - STMicroelectronics BAR43 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
VBR
Tj = 25
°CIR = 100µA
30
V
VF *
Tj = 25
°C
BAR 42
IF = 10 mA
0.35
0.4
V
IF = 50 mA
0.5
0.65
BAR 43
IF = 2 mA
0.26
0.33
IF = 15 mA
0.45
All
IF = 100 mA
1
IR **
Tj = 25
°C
VR = 25V
500
nA
Tj = 100
°C
100
µA
Pulse test:
* tp = 380
µs, δ <2%
** tp = 5 ms,
δ <2%
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
C
Tj = 25
°CVR = 1V
F = 1MHz
7pF
trr
Tj = 25
°CIF =10 mA
IR =10 mA
Irr = 1mA
RL = 100
Ω
5ns
η*Tj = 25°CRL =50 KΩ
CL = 300 pF
F = 45Mhz
Vi = 2V
for BAR 43
80
%
* Detection efficiency.
DYNAMIC CHARACTERISTICS
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
0.00E+0
2.00E-3
4.00E-3
6.00E-3
8.00E-3
1.00E-2
1.20E-2
1.40E-2
1.60E-2
1.80E-2
2.00E-2
VFM(V)
IFM(A)
Tj=100
°C
Tj=50
°C
Tj=25
°C
Fig. 1-1: Forward voltage drop versus forward
current (typical values, low level).
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
1E-3
1E-2
1E-1
5E-1
VFM(V)
IFM(A)
Tj=100
°C
Tj=50
°C
Tj=25
°C
Fig. 1-2: Forward voltage drop versus forward
current (typical values, high level).
BAR 42/BAR 43, A, C, S
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com