Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2231AMFE/NOPB.A Datasheet(PDF) 20 Page - Texas Instruments

Part # LMP2231AMFE/NOPB.A
Description  LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2231AMFE/NOPB.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP2231AMFE/NOPB.A Datasheet HTML 16Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 17Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 18Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 19Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 20Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 21Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 22Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 23Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
VO = -K (2a + 1) (V1 - V2)
VO =
KR2
R2
(VO2 - VO1)
= -K (VO1 - VO2)
R11 = V1 - V2
V
VO1 - VO2 = (2R1 +
) I
R11 R
11
= (2a + 1) V R
11
= (2a + 1)
R11 x IR
11
GIVEN: I
R1
= I
R11
LMP2231
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
In the input stage of the circuit, current is the same across all resistors. This is due to the high input impedance
and low input bias current of the LMP2231.
(1)
By Ohm’s Law:
(2)
However:
(3)
So we have:
VO1–VO2 = (2a+1)(V1–V2)
(4)
Now looking at the output of the instrumentation amplifier:
(5)
Substituting from Equation 4:
(6)
This shows the gain of the instrumentation amplifier to be:
−K(2a+1)
(7)
Typical values for this circuit can be obtained by setting: a = 12 and K= 4. This results in an overall gain of
−100.
SINGLE SUPPLY STRAIN GAGE BRIDGE AMPLIFIER
Strain gauges are popular electrical elements used to measure force or pressure. Strain gauges are subjected to
an unknown force which is measured as a the deflection on a previously calibrated scale. Pressure is often
measured using the same technique; however this pressure needs to be converted into force using an
appropriate transducer. Strain gauges are often resistors which are sensitive to pressure or to flexing. Sense
resistor values range from tens of ohms to several hundred kilo ohms. The resistance change which is a result of
applied force across the strain gauge might be 1% of its total value. An accurate and reliable system is needed
to measure this small resistance change. Bridge configurations offer a reliable method for this measurement.
Bridge sensors are formed of four resistors, connected as a quadrilateral. A voltage source or a current source is
used across one of the diagonals to excite the bridge while a voltage detector across the other diagonal
measures the output voltage.
Bridges are mainly used as null circuits or to measure a differential voltages. Bridges will have no output voltage
if the ratios of two adjacent resistor values are equal. This fact is used in null circuit measurements. These are
particularly used in feedback systems which involve electrochemical elements or human interfaces. Null systems
force an active resistor, such as a strain gauge, to balance the bridge by influencing the measured parameter.
Often in sensor applications at lease one of the resistors is a variable resistor, or a sensor. The deviation of this
active element from its initial value is measured as an indication of change in the measured quantity. A change in
output voltage represents the sensor value change. Since the sensor value change is often very small, the
resulting output voltage is very small in magnitude as well. This requires an extensive and very precise
amplification circuitry so that signal fidelity does not change after amplification.
Sensitivity of a bridge is the ratio of its maximum expected output change to the excitation voltage change.
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com