Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2231AMFE/NOPB.A Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP2231AMFE/NOPB.A
Description  LMP2231 Single Micropower, 1.6V, Precision Operational Amplifier with CMOS Inputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2231AMFE/NOPB.A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP2231AMFE/NOPB.A Datasheet HTML 7Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 8Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 9Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 10Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 11Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 12Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 13Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 14Page - Texas Instruments LMP2231AMFE/NOPB.A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-40
-20
0
20
40
60
80
100
VCM = 0V
-40°C
25°C
85°C
125°C
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
-80
-60
-20
0
120
100
80
40
-40
20
60
VS = 1.8V, 2.5V, 3.3V, 5V
5 TYPICAL PARTS
LMP2231
www.ti.com
SNOSB01E – JANUARY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Offset Voltage vs.
Offset Voltage vs.
Temperature
Supply Voltage
Figure 16.
Figure 17.
Time Domain Voltage Noise
Time Domain Voltage Noise
Figure 18.
Figure 19.
Time Domain Voltage Noise
Time Domain Voltage Noise
Figure 20.
Figure 21.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP2231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com