Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD03784 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD03784
Description  Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD03784 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button FPD03784 Datasheet HTML 2Page - National Semiconductor (TI) FPD03784 Datasheet HTML 3Page - National Semiconductor (TI) FPD03784 Datasheet HTML 4Page - National Semiconductor (TI) FPD03784 Datasheet HTML 5Page - National Semiconductor (TI) FPD03784 Datasheet HTML 6Page - National Semiconductor (TI) FPD03784 Datasheet HTML 7Page - National Semiconductor (TI) FPD03784 Datasheet HTML 8Page - National Semiconductor (TI) FPD03784 Datasheet HTML 9Page - National Semiconductor (TI) FPD03784 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Block Diagram
Functional Description
GENERAL OVERVIEW
The FPD03784 is a low power, low EMI, 384 output column
driver with 64 gray level capability (6-bit). It provides direct
drive for TFT-LCD displays, eliminating the need for V
com
modulation. Direct drive significantly reduces system power
consumption and also reduces component count while pro-
viding superior image quality and cross-talk margin. The
FPD03784 utilizes National’s
Charge Conservation Technol-
ogy that recovers energy stored in the capacitance of the
column lines to reduce power consumption further.
The FPD03784 is designed for use in systems using dot
inversion as the method of polarity inversion. Column inver-
sion and N-line inversion are also supported. Other modes of
polarity inversion including line inversion and frame inversion
are not supported.
Digital video data inputs to the FPD03784 are received on
six, six bit wide busses (dual bank, RGB busses) using TTL
signaling. The digital video commands one of 64 gray level
voltages on each output. Output voltages are driven with
individual high drive, low offset, programmable-slew-rate,
operational amplifiers. Data loading and line buffering is
accomplished by means of an internal, bi-directional shift
register.
GAMMA CORRECTION
The FPD03784 is designed to offer compatibility with a wide
range of panel gamma characteristics. The output voltage
levels corresponding to each of the 64 gray level commands
can be externally adjusted to match the desired gamma
characteristics of the display by means of two internal
resistor-string DACs (RDACs). One RDAC provides the
high-polarity output voltages (voltages higher than V
com) and
the other provides the low-polarity output voltages (voltages
lower than V
com).
The default RDAC resistance values have been carefully
designed to provide a smooth 2.2 gamma characteristic in a
twisted nematic (TN) display. This is especially useful for
monitor applications. Consequently, most application de-
signs will only need to provide references for each of the two
ends of the two RDACs (four gamma references). Additional,
intermediate taps to the RDAC are also provided for optional
customization of the display gamma for contrast control as
an example.
CHARGE CONSERVATION TECHNOLOGY
National Semiconductor’s proprietary charge conservation
technology
significantly
reduces
power
consumption.
Charge conservation works by briefly switching all of the
columns at the start of each line to a common node. This has
DS200152-6
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com