Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD03784 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD03784
Description  Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD03784 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button FPD03784 Datasheet HTML 4Page - National Semiconductor (TI) FPD03784 Datasheet HTML 5Page - National Semiconductor (TI) FPD03784 Datasheet HTML 6Page - National Semiconductor (TI) FPD03784 Datasheet HTML 7Page - National Semiconductor (TI) FPD03784 Datasheet HTML 8Page - National Semiconductor (TI) FPD03784 Datasheet HTML 9Page - National Semiconductor (TI) FPD03784 Datasheet HTML 10Page - National Semiconductor (TI) FPD03784 Datasheet HTML 11Page - National Semiconductor (TI) FPD03784 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Functional Description (Continued)
Optional — The UP die pad is bounded on each side by a
logic High and a logic Low pad. This allows the state of UP
to be chosen on the TCP to eliminate an input pin.
V
CS — CHARGE SHARE VOLTAGE REFERENCE
This input provides the reference for the common node
voltage during charge share time.
V
DD1 — DIGITAL VOLTAGE SUPPLY
Positive supply voltage for the digital logic functions of the
driver.
V
DD2 — ANALOG VOLTAGE SUPPLY
Positive supply voltage for the analog functions of the driver.
V
GMA1–VGMA12 — RDAC REFERENCES (INPUTS)
The reference voltages to the upper and lower RDACs used
to control the inverse gamma transfer function of the driver.
Option – Any or all of the inputs VGMA2 through VGMA5 and
VGMA8 through VGMA11 can be left undriven (floating) at the
designer’s option to eliminate input pins and/or external
reference circuitry.
V
HBIAS — HIGH BIAS CURRENT VOLTAGE SUPPLY
Optional positive supply voltage that provides a constant
bias current to the output amplifiers to extend dynamic
range. When separately provided, V
HBIAS must be 1.5V
greater than V
GMA1 (see Table iii for limits). When not sepa-
rately provided, V
HBIAS must be supplied by VDD2. In this
configuration, V
GMA1 must be held at or below VDD2 − 1.5V
(see table iii for limits).
V
SS1 — DIGITAL GROUND
Digital ground reference voltage.
V
SS2 — ANALOG GROUND
Analog ground reference voltage.
DS200152-8
FIGURE 1. External Components and Connections for the I
REF,ISIN and ISOUTPins
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com