Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70J Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAS70J
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70J Datasheet(HTML) 1 Page - STMicroelectronics

  BAS70J Datasheet HTML 1Page - STMicroelectronics BAS70J Datasheet HTML 2Page - STMicroelectronics BAS70J Datasheet HTML 3Page - STMicroelectronics BAS70J Datasheet HTML 4Page - STMicroelectronics BAS70J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
BAS70J / BAS70W
BAS70-04W /BAS70-05W / BAS70-06W
®
May 2000 - Ed: 4B
SMALL SIGNAL SCHOTTKY DIODE
n
VERY SMALL CONDUCTION LOSSES
n
NEGLIGIBLE SWITCHING LOSSES
n
LOW FORWARD VOLTAGE DROP
n
SURFACE MOUNT DEVICE
FEATURES AND BENEFITS
Schottky barrier diodes encapsulated either in
SOT-323 or SOD-323 small SMD packages.
Single and double diodes with different pining are
available.
DESCRIPTION
K
A
A
NC
NC
K
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
70
V
IF
Continuous forward current
70
mA
IFSM
Surge non repetitive forward current
tp = 10 ms
1
A
Ptot
Power dissipation (note 1)
Tamb = 25
°C
SOD-323
230
mW
SOT-323
Tstg
Maximum storage temperature range
- 65 to +150
°C
Tj
Maximum operating junction temperature *
150
°C
TL
Maximum temperature for soldering during 10s
260
°C
Note 1: for double diodes, Ptot is the total dissipation of both diodes.
ABSOLUTE RATINGS (limiting values)
BAS70W
A1
A1
A2
A2
K
K
BAS70-05W
A1
K2
A2
K1
A2
K1
K2
A1
BAS70-04W
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
K1
K1
K2
K2
A
A
BAS70-06W
BAS70J
A
K
76
SOT-323
SOD-323


Similar Part No. - BAS70J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAS70JFILM STMICROELECTRONICS-BAS70JFILM Datasheet
183Kb / 14P
Low capacitance, low series inductance and resistance Schottky diodes
12-Oct-2009
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
BAS70JW DIODES-BAS70JW Datasheet
77Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. 10 - 2
BAS70JW DIODES-BAS70JW Datasheet
128Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 13 - 2 June 2008
More results

Similar Description - BAS70J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com