Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70J Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAS70J
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70J Datasheet(HTML) 5 Page - STMicroelectronics

  BAS70J Datasheet HTML 1Page - STMicroelectronics BAS70J Datasheet HTML 2Page - STMicroelectronics BAS70J Datasheet HTML 3Page - STMicroelectronics BAS70J Datasheet HTML 4Page - STMicroelectronics BAS70J Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BAS70J / BAS70W / BAS70-04W /
BAS70-05W / BAS70-06W
5/5
PACKAGE MECHANICAL DATA
SOD-323
H
b
D
E
A1
A
L
Q1
c
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.17
0.046
A1
0
0.1
0
0.004
b
0.25
0.44
0.01
0.017
c
0.1
0.25
0.004
0.01
D
1.52
1.8
0.06
0.071
E
1.11
1.45
0.044
0.057
H
2.3
2.7
0.09
0.106
L
0.1
0.46
0.004
0.02
Q1
0.1
0.41
0.004
0.016
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BAS70W
D28
SOT-323
0.006g
3000
Tape & reel
BAS70-04W
D31
SOT-323
0.006g
3000
Tape & reel
BAS70-05W
D30
SOT-323
0.006g
3000
Tape & reel
BAS70-06W
D29
SOT-323
0.006g
3000
Tape & reel
BAS70J
76
SOD-323
0.005g
3000
Tape & reel
n
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com