Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2232 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP2232
Description  LMP2232 Dual Micropower, 1.6V, Precision, Operational Amplifier with CMOS Input
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2232 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP2232 Datasheet HTML 7Page - Texas Instruments LMP2232 Datasheet HTML 8Page - Texas Instruments LMP2232 Datasheet HTML 9Page - Texas Instruments LMP2232 Datasheet HTML 10Page - Texas Instruments LMP2232 Datasheet HTML 11Page - Texas Instruments LMP2232 Datasheet HTML 12Page - Texas Instruments LMP2232 Datasheet HTML 13Page - Texas Instruments LMP2232 Datasheet HTML 14Page - Texas Instruments LMP2232 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
1.5
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
-40
-20
0
20
40
60
80
100
VCM = 0V
-40°C
25°C
85°C
125°C
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
-80
-60
-20
0
120
100
80
40
-40
20
60
VS = 1.8V, 2.5V, 3.3V, 5V
5 TYPICAL PARTS
LMP2232
www.ti.com
SNOSB02C – JANUARY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise Specified: TA = 25°C, VS = 5V, VCM = VS/2, where VS = V
+ - V−
Offset Voltage vs. Temperature
Offset Voltage vs. Supply Voltage
Figure 15.
Figure 16.
0.1 Hz to 10 Hz Voltage Noise
0.1 Hz to 10 Hz Voltage Noise
Figure 17.
Figure 18.
0.1 Hz to 10 Hz Voltage Noise
0.1 Hz to 10 Hz Voltage Noise
Figure 19.
Figure 20.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP2232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com