Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7732MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP7732MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7732MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP7732MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
-
+
½
LMP7732
-
+
½
LMP7732
0.1 PF
100 k:
10:
2 k:
4.7 PF
24.3 k:
100 k:
0.1 PF
4.3 k:
2.2 PF
22 PF
110 k:
SCOPE
x 1
RIN = 1M
VOLTAGE GAIN = 50,000
LMP7732
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
www.ti.com
INPUT VOLTAGE NOISE MEASUREMENT
The LMP7732 has very low input voltage noise. The peak-to-peak input voltage noise of the LMP7732 can be
measured using the test circuit shown in Figure 42.
Figure 42. 0.1 Hz to 10 Hz Noise Test Circuit
The frequency response of this noise test circuit at the 0.1 Hz corner is defined by only one zero. The test time
for the 0.1 Hz to 10 Hz noise measurement using this configuration should not exceed 10 seconds, as this time
limit acts as an additional zero to reduce or eliminate the contributions of noise from frequencies below 0.1 Hz.
Figure 43 shows typical peak-to-peak noise for the LMP7732 measured with the circuit in Figure 42.
Figure 43. 0.1 Hz to 10 Hz Input Voltage Noise
Measuring the very low peak-to-peak noise performance of the LMP7732, requires special testing attention. In
order to achieve accurate results, the device should be warmed up for at least five minutes. This is so that the
input offset voltage of the op amp settles to a value. During this warm up period, the offset can typically change
by a few µV because the chip temperature increases by about 30°C. If the 10 seconds of the measurement is
selected to include this warm up time, some of this temperature change might show up as the measured noise.
Figure 44 shows the start-up drift of five typical LMP7732 units.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com