Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7732MA/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP7732MA/NOPB
Description  2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7732MA/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP7732MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7732MA/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMP7732
SNOSAZ0E – AUGUST 2007 – REVISED MARCH 2013
www.ti.com
3.3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 3.3V, V− = 0V, V
CM = V
+/2, R
L > 10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
GBW
Gain Bandwidth
CL = 20 pF, RL = 10 kΩ to V
+/2
22
MHz
GM
Gain Margin
CL = 20 pF, RL = 10 kΩ to V
+/2
14
dB
ΦM
Phase Margin
CL = 20 pF, RL = 10 kΩ to V
+/2
62
deg
THD+N
Total Harmonic Distortion + Noise
AV = 1, fO = 1 kHz, Amplitude = 1V
0.002
%
Differential Mode
38
k
Ω
RIN
Input Resistance
Common Mode
151
M
Ω
f = 1 kHz, VCM = 2.5V
2.9
nV/
√Hz
Input Referred Voltage Noise
Density
en
f = 1 kHz, VCM = 0.5V
2.9
Input Voltage Noise
0.1 Hz to 10 Hz
75
nVPP
f = 1 kHz, VCM = 2.5V
1.1
pA/
√Hz
Input Referred Current Noise
in
Density
f = 1 kHz, VCM = 0.5V
2.1
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, R
L > 10 kΩ to V
+/2. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
±500
VCM = 4.5V
±6
±600
VOS
Input Offset Voltage(4)
μV
±500
VCM = 0.5V
±6
±600
VCM = 4.5V
±0.5
±5.5
TCVOS
Input Offset Voltage Temperature Drift
μV/°C
VCM = 0.5V
±0.2
±5.5
±30
VCM = 4.5V
±1.5
±50
IB
Input Bias Current
nA
±50
VCM = 0.5V
±14
±85
±50
VCM = 4.5V
±1
±70
IOS
Input Offset Current
nA
±65
VCM = 0.5V
±11
±80
TCIOS
Input Offset Current Drift
VCM = 0.5V and VCM = 4.5V
0.0482
nA/°C
0.15V
≤ VCM ≤ 0.7V
101
120
0.23V
≤ VCM ≤ 0.7V
89
CMRR
Common Mode Rejection Ratio
dB
1.5V
≤ VCM ≤ 4.85V
105
130
1.5V
≤ VCM ≤ 4.77V
99
2.5V
≤ V+ ≤ 5V
105
113
101
PSRR
Power Supply Rejection Ratio
dB
1.8V
≤ V+ ≤ 5.5V
111
CMVR
Common Mode Voltage Range
Large Signal CMRR
≥ 80 dB
0
5
V
RL = 10 kΩ to V
+/2
112
130
VOUT = 0.5V to 4.5V
104
AVOL
Open Loop Voltage Gain
dB
RL = 2 kΩ to V
+/2
110
119
VOUT = 0.5V to 4.5V
94
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute maximum Ratings indicate junction temperature limits beyond
which the device maybe permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing, statistical analysis or design.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Ambient production test is performed at 25°C with a variance of ±3°C.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com