Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV761MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV761MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV761MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV761MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
-IN B
+IN B
V
+
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
LMV762, LMV762Q-Q1 (Dual) DBV or DGK Package
8-Pin SOIC or VSSOP
Top View
Pin Functions for SOIC and VSSOP (Dual)
PIN
TYPE
DESCRIPTION
NO.
NAME
1
OUTA
O
Channel A Output
2
-INA
I
Channel A Inverting Input
3
+INA
I
Channel A Noninverting Input
4
V-
P
Negative Power Terminal
5
+INB
I
Channel B Noninverting Input
6
-INB
I
Channel B Inverting Input
7
OUTB
O
Channel B Output
8
V+
P
Positive Power Terminal
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2)
MIN
MAX
UNIT
Supply voltage (V+ – V−)
5.5
V
Differential input voltage
Supply Voltage
Voltage between any two pins
Supply Voltage
Output short circuit
Current at input pin
±5
mA
duration(3)
Infrared or convection (20 sec.)
235
°C
Soldering information
Wave soldering (10 sec.) (Lead temp)
260
°C
Junction temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Applies to both single supply and split supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output current in excess of ±25 mA over long term may adversely
affect reliability.
4
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com