Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV761MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV761MA/NOPB
Description  LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV761MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV761MA/NOPB Datasheet HTML 1Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 2Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 3Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 4Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 5Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 6Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 7Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 8Page - Texas Instruments LMV761MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2.5
3
3.5
4
4.5
5
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
VCC (V)
125°C
-40°C
85°C
25°C
VIN
R1
R2
VREF
VCC
VOUT
+
-
C1 =
0.1µF
SD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
1 Features
2 Applications
1
•
VS = 5 V, TA = 25°C, Typical Values Unless
•
Portable and Battery-Powered Systems
Specified
•
Scanners
•
Input Offset Voltage 0.2 mV
•
Set-Top Boxes
•
Input Offset Voltage (Maximum Over Temp) 1 mV
•
High-Speed Differential Line Receiver
•
Input Bias Current 0.2 pA
•
Window Comparators
•
Propagation Delay (OD = 50 mV) 120 ns
•
Zero-Crossing Detectors
•
Low Supply Current 300
μA
•
High-Speed Sampling Circuits
•
CMRR 100 dB
•
Automotive
•
PSRR 110 dB
3 Description
•
Extended Temperature Range
−40°C to +125°C
The LMV76x devices are precision comparators
•
Push-Pull Output
intended for applications requiring low noise and low
•
Ideal for 2.7-V and 5-V Single-Supply Applications
input offset voltage. The LMV761 single has a
•
Available in Space-Saving Packages:
shutdown pin that can be used to disable the device
and reduce the supply current. The LMV761 is
–
6-Pin SOT-23 (Single With Shutdown)
available in a space-saving 6-pin SOT-23 or 8-Pin
–
8-Pin SOIC (Single With Shutdown)
SOIC package. The LMV762 dual is available in 8-pin
–
8-Pin SOIC and VSSOP (Dual Without
SOIC or VSSOP package. The LMV762Q-Q1 is
Shutdown)
available VSSOP and SOIC packages.
•
LMV762Q-Q1 is Qualified for Automotive
These devices feature a CMOS input and push-pull
Applications
output stage. The push-pull output stage eliminates
the need for an external pullup resistor.
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to
The LMV76x are designed to meet the demands of
+125°C Ambient Operating Temperature
small size, low power and high performance required
Range
by portable and battery-operated electronics.
–
Device HBM ESD Classification Level 1C
The input offset voltage has a typical value of 200
μV
at
room
temperature
and
a
1-mV
limit
over
–
Device CDM ESD Classification Level M2
temperature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
LMV761
SOT-23 (6)
2.90 mm × 1.60 mm
SOIC (8)
4.90 mm × 3.91 mm
LMV762
LMV762Q-Q1
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Threshold Detector
VOS vs VCC
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV761MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV761MA/NOPB TI1-LMV761MA/NOPB Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
More results

Similar Description - LMV761MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV761 NSC-LMV761 Datasheet
346Kb / 10P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Advanced Linear Devices
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
Texas Instruments
LMV761 TI1-LMV761_14 Datasheet
1Mb / 20P
LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com