Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP38869
Description  LP38869 1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38869 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38869 Datasheet HTML 12Page - Texas Instruments LP38869 Datasheet HTML 13Page - Texas Instruments LP38869 Datasheet HTML 14Page - Texas Instruments LP38869 Datasheet HTML 15Page - Texas Instruments LP38869 Datasheet HTML 16Page - Texas Instruments LP38869 Datasheet HTML 17Page - Texas Instruments LP38869 Datasheet HTML 18Page - Texas Instruments LP38869 Datasheet HTML 19Page - Texas Instruments LP38869 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VIN- VOUT(V)
TA= 75°C
TA= 50°C
TA= 25°C
For TJ= 150°C and JA= 50°C/W
-50
-25
0
25
50
75
100 125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
AMBIENT TEMPERATURE, TA(°C)
JA= 50°C/W
JA= 56°C/W
JA= 65°C/W
JA= 131°C/W
LP38869
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
www.ti.com
Figure 36. Maximum Dissipation vs. Ambient Temperature
Figure 37 shows the allowable power dissipation factors for a typical multi-layer PC board at ambient
temperatures of +25°C, +50°C, and +70°C for the AbsMax junction temperature of 150°C.
Figure 37. Maximum Output Current vs Input-Output Differential Voltage
The LP38869 HTSSOP package features an exposed thermal pad on its underside. This exposed pad lowers the
package’s thermal resistance by providing a direct thermal heat path from the die to the PC board. Connect the
exposed thermal pad to circuit ground using a large copper pad (1 square inch is the recommended minimum),
or use multiple thermal vias to the ground plane of a multi-layer PCB.
For the LP38869MH in the HTSSOP Exposed Pad 16-Lead package, the junction-to-case thermal rating,
θJC, is
16.2°C/W, where the case is the bottom of the package at the center of the Exposed Pad. Typical junction-to-
ambient thermal performance for the LP38869MH, using the JESD51 standards, is summarized in the following
table.
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com