Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3981 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3981
Description  LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3981 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3981 Datasheet HTML 9Page - Texas Instruments LP3981 Datasheet HTML 10Page - Texas Instruments LP3981 Datasheet HTML 11Page - Texas Instruments LP3981 Datasheet HTML 12Page - Texas Instruments LP3981 Datasheet HTML 13Page - Texas Instruments LP3981 Datasheet HTML 14Page - Texas Instruments LP3981 Datasheet HTML 15Page - Texas Instruments LP3981 Datasheet HTML 16Page - Texas Instruments LP3981 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
2
&
= :8+0 . 8176 ; × +176
LP3981
www.ti.com
SNVS159H – OCTOBER 2001 – REVISED JULY 2015
With an RθJA = 56.5°C/W, the device in the WSON package returns a value of 1.77 W with a maximum junction
temperature of 125°C and an ambient temperature of 25°C. The device in a VSSOP package returns a figure of
0.565 W (R θJA = 177°C/W).
The actual power dissipation across the device can be represented by Equation 2:
(2)
This establishes the relationship between the power dissipation allowed due to thermal considerations, the
voltage drop across the device, and the continuous current capability of the device. The device can deliver 300
mA but care must be taken when choosing the continuous current output for the device under the operating load
conditions.
The R
θJA value is not a characteristic of the package by itself but of the package, the printed circuit board
(PCB), and other environmental factors. Equation 2 is only valid when the application configuration matches the
EIA/JEDEC JESD51-7 (High-K) configuration in which RθJA was either measured or modeled. Few, if any, user
applications conform to the PCB configuration defined by the EIA/JEDEC standards. As a result, the RθJA values
are useful only when comparing assorted packages that have been measured or modeled to the EIA/JEDEC
standards, but are of little use to estimate real world junction temperatures.
The EIA/JEDEC standard JESD51-2 provides methodologies to estimate the junction temperature from external
measurements (
ψJB references the temperature at the PCB, and ψJT references the temperature at the top
surface of the package) when operating under steady-state power dissipation conditions. These methodologies
have been determined to be relatively independent of the PCB attached to the package when compared to the
more typical RθJA. Refer to Semiconductor and IC Package Thermal Metrics application report, SPRA953, for
specifics.
9.2.2.2 External Capacitors
Like any low-dropout regulator, the LP3981 requires external capacitors for regulator stability. The LP3981 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
9.2.2.3 Input Capacitor
An input capacitance of
≊ 2.2 µF is required between the LP3981 input pin and ground (the amount of the
capacitance may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum
capacitor is used at the input, it must be specified by the manufacturer to have a surge
current rating sufficient for the application.
There are no requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must be
considered when selecting the capacitor to ensure the capacitance is
≊ 2.2 µF over the entire operating
temperature range.
9.2.2.4 Output Capacitor
The LP3981 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(dielectric types Z5U, Y5V or X7R) in the 2.2-µF to 22-µF range with 5-m
Ω to 500-mΩ ESR is suitable in the
LP3981 application circuit.
It is also possible to use tantalum or film capacitors at the output, but these are not as attractive for reasons of
size and cost (see Capacitor Characteristics).
The output capacitor must meet the requirement for minimum amount of capacitance and also have an
equivalent series resistance (ESR) value which is within a stable range (5 m
Ω to 500 mΩ).
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com