Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951C Datasheet(PDF) 2 Page - Texas Instruments

Part # LP4951C
Description  LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP4951C Datasheet(HTML) 2 Page - Texas Instruments

  LP4951C Datasheet HTML 1Page - Texas Instruments LP4951C Datasheet HTML 2Page - Texas Instruments LP4951C Datasheet HTML 3Page - Texas Instruments LP4951C Datasheet HTML 4Page - Texas Instruments LP4951C Datasheet HTML 5Page - Texas Instruments LP4951C Datasheet HTML 6Page - Texas Instruments LP4951C Datasheet HTML 7Page - Texas Instruments LP4951C Datasheet HTML 8Page - Texas Instruments LP4951C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LP4950C-5V, LP4951C
SNVS208C – SEPTEMBER 2002 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1)
Input Supply Voltage
−0.3 to +30V
SHUTDOWN Input Voltage,
−0.3 to +30V
Error Comparator Output
Voltage, (2)
FEEDBACK Input Voltage
(2) (3)
−1.5 to +30V
Power Dissipation
Internally Limited
Junction Temperature (TJ)
+150°C
Ambient Storage Temperature
−65° to +150°C
ESD Rating
Human Body Model (4)
2 kV
For soldering specifications, see the following document: www.ti.com/lit/snoa549
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
May exceed input supply voltage.
(3)
When used in dual-supply systems where the output terminal sees loads returned to a negative supply, the output voltage should be
diode-clamped to ground.
(4)
Human Body Model 1.5 k
Ω in series with 100 pF. LP4950 - passes 2 kV HBM. LP4951 - All pins pass 2 kV except Vfb -1000V.
OPERATING RATINGS
(1)
Maximum Input Supply Voltage
30V
Junction Temperature Range(2)
LP4950C, LP4951C
−40°C to 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
The junction-to-ambient thermal resistances are as follows: 180°C/W and 160°C/W for the TO-92 package with 0.40 inch and 0.25 inch
leads to the printed circuit board (PCB) respectively, 160°C/W for the molded plastic SOIC (D). The above thermal resistances for the
SOIC package apply when the package is soldered directly to the PCB.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP4950C-5V LP4951C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com