Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951C Datasheet(PDF) 12 Page - Texas Instruments

Part # LP4951C
Description  LP4950C-5V and LP4951C Adjustable Micropower Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP4951C Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP4951C Datasheet HTML 8Page - Texas Instruments LP4951C Datasheet HTML 9Page - Texas Instruments LP4951C Datasheet HTML 10Page - Texas Instruments LP4951C Datasheet HTML 11Page - Texas Instruments LP4951C Datasheet HTML 12Page - Texas Instruments LP4951C Datasheet HTML 13Page - Texas Instruments LP4951C Datasheet HTML 14Page - Texas Instruments LP4951C Datasheet HTML 15Page - Texas Instruments LP4951C Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LP4950C-5V, LP4951C
SNVS208C – SEPTEMBER 2002 – REVISED APRIL 2013
www.ti.com
The error comparator has an open-collector output which requires an external pullup resistor. This resistor may
be returned to the output or some other supply voltage depending on system requirements. In determining a
value for this resistor, note that while the output is rated to sink 400
μA, this sink current adds to battery drain in a
low battery condition. Suggested values range from 100k to 1 M
Ω. The resistor is not required if this output is
unused.
*When VIN ≤ 1.3V, the error flag pin becomes a high impedance, and the error flag voltage rises to its pull-up voltage.
Using VOUT as the pull-up voltage (see Figure 37), rather than an external 5V source, will keep the error flag voltage
under 1.2V (typ.) in this condition. The user may wish to divide down the error flag voltage using equal-value resistors
(10 k
Ω suggested), to ensure a low-level logic signal during any fault condition, while still allowing a valid high logic
level during normal operation.
Figure 36. ERROR Output Timing
PROGRAMMING THE OUTPUT VOLTAGE (LP4951C)
The LP4951C may be pin-strapped for 5V using its internal voltage divider by tying the pin 1 (output) to pin 2
(sense) pins together, and also tying the pin 7 (feedback) and pin 6 (VTAP) pins together. Alternatively, it may be
programmed for any output voltage between its 1.235V reference and its 30V maximum rating. As seen in
Figure 37, an external pair of resistors is required.
The complete equation for the output voltage is
(1)
where VREF is the nominal 1.235 reference voltage and IFB is the feedback pin bias current, nominally −20 nA.
The minimum recommended load current of 1
μA forces an upper limit of 1.2 MΩ on the value of R2, if the
regulator must work with no load (a condition often found in CMOS in standby). IFB will produce a 2% typical
error in VOUT which may be eliminated at room temperature by trimming R1. For better accuracy, choosing R2 =
100k reduces this error to 0.17% while increasing the resistor program current to 12
μA. Since the LP4951C
typically draws 60
μA at no load with Pin 2 open-circuited, this is a small price to pay.
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP4950C-5V LP4951C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com