Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5562TMX/NOPB.B Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5562TMX/NOPB.B
Description  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB.B Datasheet(HTML) 2 Page - Texas Instruments

  LP5562TMX/NOPB.B Datasheet HTML 1Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 2Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 3Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 4Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 5Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 6Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 7Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 8Page - Texas Instruments LP5562TMX/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
LP5562
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Logic Interface Characteristics.................................. 6
6.7
Recommended External Clock Source Conditions ... 6
6.8
I2C Timing Requirements (SDA, SCL)...................... 6
6.9
Typical Characteristics: Current Consumption.......... 8
6.10
Typical Characteristics: LED Output ...................... 9
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 23
7.5
Programming........................................................... 25
7.6
Register Maps ......................................................... 30
8
Application and Implementation ........................ 40
8.1
Application Information............................................ 40
8.2
Typical Application ................................................. 40
9
Power Supply Recommendation ........................ 43
10
Layout................................................................... 43
10.1
Layout Guidelines ................................................. 43
10.2
Layout Example .................................................... 43
11
Device and Documentation Support ................. 44
11.1
Device Support...................................................... 44
11.2
Documentation Support ........................................ 44
11.3
Community Resources.......................................... 44
11.4
Trademarks ........................................................... 44
11.5
Electrostatic Discharge Caution ............................ 44
11.6
Glossary ................................................................ 44
12
Mechanical, Packaging, and Orderable
Information ........................................................... 44
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2015) to Revision B
Page
•
Changed title for SEO/keyword improvement ....................................................................................................................... 1
•
Changed RθJA from "68°C/W" to "85.9°C/W"; added additional required thermal information .............................................. 4
Changes from Original (April 2013) to Revision A
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com